Electronic Components Datasheet Search
  English  ▼

X  

BA5152F Datasheet(PDF) 5 Page - Rohm

Part # BA5152F
Description  1.5V / 15mW dual power amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5152F Datasheet(HTML) 5 Page - Rohm

  BA5152F Datasheet HTML 1Page - Rohm BA5152F Datasheet HTML 2Page - Rohm BA5152F Datasheet HTML 3Page - Rohm BA5152F Datasheet HTML 4Page - Rohm BA5152F Datasheet HTML 5Page - Rohm BA5152F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
371
Audio ICs
BA5152F
(3)
Bias block
The components connected to pins 2, 3, and 4 set the
bias point and VODC. When pin 2 is open circuit, and VCC
= 1.25V, the output pin VODC voltage is internally set to
1/2VCC. By connecting a resistor to pin 2 and changing
the voltage divider ratio, it is possible to vary VODC.
Pins 3 and 4 are shorted and connected to earth via an
electrolytic capacitor to generate the bias point. When a
33
µF component is used, it is possible to obtain 45dB of
ripple rejection. This can be improved if pins are indepen-
dently grounded through capacitors.
(4)
Amplifier block
The amplifier circuits have a fixed gain of GV = 21dB. The
negative-feedback circuits are on the chip, and the
ground point of the negative-feedback circuit uses the
bias point as its reference, so connect the input poten-
tiometer to the bias point pins (3 and 4). Connect bypass
capacitors to the output pin to prevent oscillation. When
the IC is used in sets containing an AM radio, it is possible
to reduce unnecessary radiation from the power amplifi-
ers by connecting CR circuits to pins 6 and 11.
FElectrical characteristics curves (Ta = 25_C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com