Electronic Components Datasheet Search
  English  ▼

X  

BA5913 Datasheet(PDF) 8 Page - Rohm

Part # BA5913
Description  4-channel BTL driver for CD players and CD-ROM drives
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5913 Datasheet(HTML) 8 Page - Rohm

  BA5913 Datasheet HTML 1Page - Rohm BA5913 Datasheet HTML 2Page - Rohm BA5913 Datasheet HTML 3Page - Rohm BA5913 Datasheet HTML 4Page - Rohm BA5913 Datasheet HTML 5Page - Rohm BA5913 Datasheet HTML 6Page - Rohm BA5913 Datasheet HTML 7Page - Rohm BA5913 Datasheet HTML 8Page - Rohm BA5913 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
540
Optical disc ICs
BA5913FP-Y
FOperation notes
(1)
The BA5913FP-Y has a thermal shutdown circuit.
The output current is muted when the chip temperature
rises above 175
_C (typically). When the chip tempera-
ture falls to 150
_C (typically), the driver circuit starts up
again.
(2)
Can be set that if the voltage of the standby pin
(pin 8) is open or falls below 0.5V, the driver turns off and
enters the power save mode. During normal operation,
have pin 8 pulled up to over 2.0V.
(3)
Muting occurs when the bias pin (pin 2) drops below
1.0V (typically). Make sure it stays above 1.4V during
normal use.
(4)
Muting occurs during thermal shutdown or a drop in
the bias pin voltage. In each case, only drivers are muted.
During muting, the output pins remain at the internal bias
voltage, roughly (VCC–VF) / 2.
(5)
Connect the IC to a 0.1
µF bypass capacitor be-
tween power supplies, at the base of the IC.
(6)
Connect the heat radiation fin to an external
ground.
FElectrical characteristic curves



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com