Electronic Components Datasheet Search
  English  ▼

X  

BA5913 Datasheet(PDF) 1 Page - Rohm

Part # BA5913
Description  4-channel BTL driver for CD players and CD-ROM drives
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5913 Datasheet(HTML) 1 Page - Rohm

  BA5913 Datasheet HTML 1Page - Rohm BA5913 Datasheet HTML 2Page - Rohm BA5913 Datasheet HTML 3Page - Rohm BA5913 Datasheet HTML 4Page - Rohm BA5913 Datasheet HTML 5Page - Rohm BA5913 Datasheet HTML 6Page - Rohm BA5913 Datasheet HTML 7Page - Rohm BA5913 Datasheet HTML 8Page - Rohm BA5913 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
533
Optical disc ICs
4-channel BTL driver for CD players
and CD-ROM drives
BA5913FP-Y
The BA5913FP-Y is an IC with an internal 4-channel BTL driver for CD players and CD-ROM driver actuators and mo-
tors, as well as an internal standard operational amplifier. In addition, the 25-pin HSOP package allows for application
miniaturization.
FApplications
CD players, CD-ROM drives
FFeatures
1) 4-channel BTL driver.
2) Wide dynamic range (typically 3.6V when VCC = 5V
and RL = 8
Ω).
3) Internal thermal shutdown circuit.
4) Gain is adjustable with attached resistor.
5) Internal standard operational amplifier.
6) Can enter power save mode with standby pin.
7) HSOP 25-pin power package allows for application
miniaturization.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA5913

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA591 PHILIPS-BA591 Datasheet
52Kb / 8P
Band-switching diode
1998 Aug 31
logo
Guangdong Kexin Industr...
BA591 KEXIN-BA591 Datasheet
34Kb / 1P
Band-switching diode
logo
NXP Semiconductors
BA591 NXP-BA591 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Rohm
BA5912 ROHM-BA5912 Datasheet
127Kb / 8P
2-channel BTL driver for CD players
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
2-channel BTL driver for CD players
More results

Similar Description - BA5913

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
4-channel BTL driver for CD players and CD-ROMs
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
4-channel BTL driver for CD player and CD-ROM drives
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
4-channel BTL driver for CD players
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
4-channel BTL driver for CD players and CD-ROMs
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com