Electronic Components Datasheet Search
  English  ▼

X  

BA5947FP Datasheet(PDF) 2 Page - Rohm

Part # BA5947FP
Description  IC for Compact Disc Players
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5947FP Datasheet(HTML) 2 Page - Rohm

  BA5947FP Datasheet HTML 1Page - Rohm BA5947FP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Circuit
Quiescent dissipation current
IQ
-
3.40
-30
4.4
-50
-
9.3
17.0
3.70
-
5.0
-
5.4
11.3
25.0
4.00
30
5.6
50
-
13.3
mA
V
mV
V
Vf=5V, Vr=0V
VIN4=Vb
Vb=4V
mV
V
dB
VREF
VOO
VOM
VOO4
VOM
GVC
Internal Vref pin voltage
Output offset voltage
Maximum output amplitude
Output offset voltage
Maximum output amplitude
Voltage gain
-5
2.0
7.0
0
9.0
13.0
5
-
-
mV
mA
mA
VOFOP
Isink
ISOURCE
Offset voltage
Output driving current sink
Output driving current source
Spindle driver (CH4)
<Driver except spindle driver (CH1,2,3)>
No load
Electrical characteristics (Unless otherwise noted; Ta=25˚C, Vcc=8V, RL=8Ω, Vb=VOP+=1.75V)
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
<OP amp.>
LEVEL
SHIFT
D
D
D
F
R
R
F
R
F
R
F
R
F
F
INTER
FACE
INTER
FACE
SPINDLE
MOTOR
TRACKING
COIL
FOCUS
COIL
SLED
MOTOR
0.1µF
0.47µF
0.1µF
0.1µF
82kΩ
3000pF
19k
6.5k
50k 50k
50k
100k
50k
PIN3
10k
Pre
Vcc
50k
Vref
Vref
POW
VCC
POW
VCC
50k 50k
POW
VCC
PIN26
10k
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D
D
D
D
D
(ch1, 2)
POW
VCC
(ch3, 4)
15kΩ
SW
H=ON
L=OFF
DIGITAL SERVO
MUTE
REVERSE
SLED OUT
FORWARD
SPINDLE
OUT
BIAS
1.75V
FORWARD
TRACKING
ERROR
OUT
REVERSE FORWARD
FOCUS
ERROR
OUT
REVERSE
INTER
FACE
BA5947FP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com