Electronic Components Datasheet Search
  English  ▼

X  

BA5947FP Datasheet(PDF) 1 Page - Rohm

Part # BA5947FP
Description  IC for Compact Disc Players
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5947FP Datasheet(HTML) 1 Page - Rohm

  BA5947FP Datasheet HTML 1Page - Rohm BA5947FP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The BA5947FP is a 4-channel BTL driver
developed for compact disc players.
3 out of 4 channels are PWM input
direct connection type and incorporate
primary filter.
Features
1) 4-channel BTL driver
2) Set space saving by adoption of HSOP28
3) Built-in OP amp.
4) Wide dynamic range
5) Built-in thermal shutdown circuit
6) High efficient supply voltage setting due to independent supply
(Pre Vcc, Pow Vcc of CH1, CH2 and Pow Vcc of CH3, CH4)
7) For CH4, input pin can be switched by SW pin
Applications
Compact disc players, Other optical disc appliances
Dimension (Unit : mm)
∗
Derating : 13.6mW/˚C for operation above Ta=25˚C
∗
On less than 3% (percentage occupied by copper foil), PCB (70mmx70mm, t=1.6mm) glass epoxy mounting.
BA5947FP
IC for Compact Disc Players
HSOP28
18.5 ± 0.2
28
15
1
14
0.35 ± 0.1
5.15 ± 0.1
0.8
0.25 ± 0.1
16.0 ± 0.2
0.1 S
0.08 M
Absolute Maximum Ratings (Ta=25˚C)
Supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vcc
Pd
Topr
Tstg
13.5
1.7
+85
+150
-35
-55
~
~
W
˚C
˚C
V
Pre Vcc
Pow Vcc
6.0
-
13.2
V
6.0
-
Pre Vcc
V
Operating power supply voltage range (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
∗


Similar Part No. - BA5947FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
285Kb / 6P
Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
Power Driver For Compact Disc Players
More results

Similar Description - BA5947FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP1021Q SONY-CXP1021Q Datasheet
564Kb / 28P
System Controller for Compact Disc Players
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
System Controller for Compact Disc Players
logo
Sanyo Semicon Device
LC78684E SANYO-LC78684E Datasheet
287Kb / 21P
MP3 Decoder for Compact Disc Players
logo
Rohm
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
Power Driver For Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
Power Driver For Compact Disc Players
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com