Electronic Components Datasheet Search
  English  ▼

X  

BA5972FP Datasheet(PDF) 8 Page - Rohm

Part # BA5972FP
Description  BTL driver for CD-ROMs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5972FP Datasheet(HTML) 8 Page - Rohm

  BA5972FP Datasheet HTML 1Page - Rohm BA5972FP Datasheet HTML 2Page - Rohm BA5972FP Datasheet HTML 3Page - Rohm BA5972FP Datasheet HTML 4Page - Rohm BA5972FP Datasheet HTML 5Page - Rohm BA5972FP Datasheet HTML 6Page - Rohm BA5972FP Datasheet HTML 7Page - Rohm BA5972FP Datasheet HTML 8Page - Rohm BA5972FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
669
Optical disc ICs
BA5972FP
FOperation notes
(1)
The BA5972FP contains a thermal shutdown cir-
cuit.
When the chip temperature reaches 175
_C (Typ.), the
output current is muted. If the chip temperature then
drops below 150
_C (Typ.), then the mute is released.
(2)
By having the mute pin (pin 7) voltage pulled up to
2.0V or greater, you can mute the output current for chan-
nels 1 and 4. For normal conditions, have pin 7 open or
at 0.5V or below.
(3)
If the voltage of the bias pin (pin 1) drops below 1.4V
(Typ.), outputs are muted.
For normal conditions, have the voltage above 1.7V.
(4)
If the power supply voltage drops below 3.8V (Typ.),
internal circuits turn off. If the power supply voltage then
rises to 4.0V (Typ.), the circuits turn on.
(5)
If the voltage of the thermal shutdown, mute ON, or
bias pin drops, or if the power supply voltage drops, the
mute is activated; however, in these situations, only the
drivers are muted.
Also, the output pin voltage becomes the internal bias
voltage (approx. VCC / 2).
(6)
If the standby pin voltage is open or 0.5V or below,
the circuit current enters the standby condition.
For normal operation, have the standby pin voltage
pulled up to 2.0V or greater.
(7)
Connect a bypass capacitor (approx. 0.1
µF) be-
tween the bases of the power supply pins of this IC.
(8)
Even though the radiation fins are connected to
ground within the package, be sure to also connect them
to a ground externally as well.
(9)
The application example will assure excellent re-
sults, but nevertheless, be sure to carefully check all
characteristics during use. During use with constants in
the external circuitry modified, be sure to leave a suffi-
cient margin in order to take into consideration fluctua-
tions in the static and transient characteristics of the ex-
ternal components and this IC.
Also, be aware that ROHM has not sufficiently performed
all confirmations regarding patent rights.
FElectrical characteristic curves



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com