Electronic Components Datasheet Search
  English  ▼

X  

BA5972FP Datasheet(PDF) 1 Page - Rohm

Part # BA5972FP
Description  BTL driver for CD-ROMs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5972FP Datasheet(HTML) 1 Page - Rohm

  BA5972FP Datasheet HTML 1Page - Rohm BA5972FP Datasheet HTML 2Page - Rohm BA5972FP Datasheet HTML 3Page - Rohm BA5972FP Datasheet HTML 4Page - Rohm BA5972FP Datasheet HTML 5Page - Rohm BA5972FP Datasheet HTML 6Page - Rohm BA5972FP Datasheet HTML 7Page - Rohm BA5972FP Datasheet HTML 8Page - Rohm BA5972FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
662
Optical disc ICs
BTL driver for CD-ROMs
BA5972FP
The BA5972FP is a 4-channel BTL driver developed for use with CD-ROMs. A multi-purpose operational amplifier is
equipped in each channel to allow use in a variety of applications. Also, by applying independent power supplies for both
the pre-stage and power-stage, with the power-stage power supply further split into two so one power supply handles
two channels each, a highly efficient driver has been realized.
FApplications
CD-ROM, DVD-ROM, MD, and optical discs
FFeatures
1) Wide dynamic range (VOUT = 4V [Typ.] when PreVCC
= 8V, PowVCC = 5V, and RL = 8
Ω).
2) Internal thermal shutdown circuit.
3) Internal mute functions.
4) Internal standby functions.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA5972FP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA597 SIEMENS-BA597 Datasheet
48Kb / 3P
Silicon PIN Diode
logo
Guangdong Kexin Industr...
BA597 KEXIN-BA597 Datasheet
33Kb / 1P
Silicon PIN Diode
logo
Rohm
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
4-channel BTL driver for CD players and CD-ROMs
BA5973 ROHM-BA5973 Datasheet
137Kb / 7P
3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
More results

Similar Description - BA5972FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5916FP ROHM-BA5916FP Datasheet
132Kb / 8P
4-channel BTL driver for CD players and CD-ROMs
BA5970FP ROHM-BA5970FP Datasheet
150Kb / 9P
4-channel BTL driver for CD players and CD-ROMs
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
BTL driver for CD/CD-ROM
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
Motor driver for CD-ROMs
BA6848FP ROHM-BA6848FP Datasheet
155Kb / 11P
3-phase motor driver for CD-ROMs
BA6849FP ROHM-BA6849FP Datasheet
178Kb / 12P
3-phase motor driver for CD-ROMs
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
2-channel Bridge Driver for CD and CD-ROMs
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
4-channel Bridge Driver for CD and CD-ROMs
LA6537M SANYO-LA6537M Datasheet
110Kb / 4P
4-channel Bridge Driver for CD and CD-ROMs
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
3-Phase Motor Driver for CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com