Electronic Components Datasheet Search
  English  ▼

X  

BA6110FS Datasheet(PDF) 4 Page - Rohm

Part # BA6110FS
Description  Voltage controlled operational amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6110FS Datasheet(HTML) 4 Page - Rohm

  BA6110FS Datasheet HTML 1Page - Rohm BA6110FS Datasheet HTML 2Page - Rohm BA6110FS Datasheet HTML 3Page - Rohm BA6110FS Datasheet HTML 4Page - Rohm BA6110FS Datasheet HTML 5Page - Rohm BA6110FS Datasheet HTML 6Page - Rohm BA6110FS Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BA6110FS
Standard ICs
!
!
!
!Attached components
(1) Positive input (Pin 1)
This is the differential positive input pin. To minimize the
distortion due to the diode bias, an input resistor is
connected in series with the signal source. By increasing
the input resistance, distortion is minimized.
However, the degree of improvement for resistances
greater than 10k
Ω is about the same. An input resistance
of 1k
Ω to 20kΩ is recommended.
(2) Negative input (Pin 3)
This is the differential negative input pin. It is grounded
with roughly the same resistance value as that of the
positive input pin. The offset adjustment is also
connected to this pin. Make sure a sufficiently high
resistance is used, so as not to disturb the balance of the
input resistance (see Figure 3).
(3) Input bias diode (Pin 5)
The input bias diode current (ID) is determined by this pin.
The IC input impedance when the diode is biased, if the
diode bias current is ID, is expressed as follows:
Rd =
(
Ω)
26
ID (mA)
(4) Control (Pin 7)
This pin controls the differential current. By changing the
current which flows into this pin, the gain of the differential
amplifier can be changed.
(5) Output (Pin 11)
The differential amplifier gain (AV) is determined by the
resistor RO connected between the output terminal and
the Pin 7 control terminal, as follows:
Av = gm · RO =
ICONTROL (mA)
52 (mV)
× RO
Make sure the resistor is selected based on the desired
maximum output and gain.
(6) Buffer input (Pin 12)
The buffer input consists of the PNP and NPN emitter
follower. The bias current is normally about 0.8
µA.
Consequently, when used within a small region of control
current, we recommend using the high input impedance
FET buffer.
(7) Buffer output resistance (Pin 14)
An 11k
Ω resistor is connected between VCC and the
output within the IC. When adding an external resistance
between the GND and the output, make sure the resistor
RL = 33k
Ω.
!
!
!
!Application example
(1) Fig.3 shows a voltage-controlled amplifier (AM
modulation) as an example of an application of the
BA6110FS.
By changing the ICONTROL current on Pin 7, the differential
gain can be changed. The gain (AV), if the resistance of
Pin 11 is RO, is determined by the following equation:
Av = gm · RO =
ICONTROL (mA)
52 (mV)
× RO
Good linearity can be achieved when controlling over
three decades.
By connecting Pin 5 to the VCC by way of a resistor, the
input is biased at the diode and distortion is reduced.
The gain in this case is given by the diode impedance Rd
and the ratio of the input resistance RIN, as shown in the
following:
Av = gm · RO
×
Rd
Rd
× RIN
The diode impedance Rd = (26 / ID (mA) )
Ω, so that the
Pin 5 bias current ID = (VCC - 1V) / R (Pin 5). The graph in
Fig. 6 shows the control current in relation to the open
loop gain at the diode bias. In the same way, Fig.7 shows
the control current in relation to the THD = 0.5% output at
the bias point.
Fig. 8 shows a graph of the control current in relation to
the open gain with no diode bias.
Fig. 9 shows a graph of the control current in relation to
the SN ratio.
Fig. 10 shows a graph of the diode bias current in relation
to the SN ratio.
Fig. 11 shows a graph of the power supply voltage
characteristics.
(2) Fig. 4 shows a low pass filter as an example of an
application of the BA6110FS.
The cutoff frequency fO can be changed by changing the
Pin 7 control current.
The cutoff frequency fO is expressed as:
fO =
RA · gm
(R
+ RA) 2πC
This is attenuated by -6dB / OCT.
Fig. 12 shows a graph of the ICONTROL in relation to the
output characteristics.
(3) Fig. 5 shows a voltage-controlled secondary low
passfilter as an example of an application of the
BA6110FS.
The cutoff frequency fO can be changed by changing
thePin 7 control current.
fO =
RA · gm
(R
+ RA) · 2πC
This is attenuated by - 12dB / OCT.
Fig. 13 shows a graph of the ICONTROL output
characteristic.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com