Electronic Components Datasheet Search
  English  ▼

X  

BA6110FS Datasheet(PDF) 1 Page - Rohm

Part # BA6110FS
Description  Voltage controlled operational amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6110FS Datasheet(HTML) 1 Page - Rohm

  BA6110FS Datasheet HTML 1Page - Rohm BA6110FS Datasheet HTML 2Page - Rohm BA6110FS Datasheet HTML 3Page - Rohm BA6110FS Datasheet HTML 4Page - Rohm BA6110FS Datasheet HTML 5Page - Rohm BA6110FS Datasheet HTML 6Page - Rohm BA6110FS Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BA6110FS
Standard ICs
Voltage controlled operational amplifier
BA6110FS
The BA6110FS is a low-noise, low-offset programmable operational amplifier. Offering superb linearity over a broad
range, this IC is designed so that the forward direction conductivity (gm) can be changed, making it ideal for applications
such as voltage control amplifiers (VCA), voltage control filters (VCF) and voltage control oscillators (VCO).
Distortion reduction circuitry improves the signal-to-noise ratio by a significant 10dB at a distortion rate of 0.5% in
comparison with products not equipped with this feature. When used as a voltage control amplifier (VCA), a high S / N
ratio of 86dB can be achieved at a distortion rate of 0.5%.
The open loop gain is determined by the control current and an attached gain determining resistance RL, enabling a wide
range of settings.
In addition, a built-in low-impedance output buffer circuit reduces the number of attachments.
!Applications
Electronic volume controls
Voltage-controlled impedances
Voltage-controlled amplifiers (VCA)
Voltage-controlled filters (VCF)
Voltage-controlled oscillators (VCO)
Multipliers
Sample holds
Schmitt triggers
!Features
1) Low distortion rate.
(built-in distortion reduction bias diode)
2) Low noise.
3) Low offset voltage. (VIO = 3m VMax).
4) Built-in output buffer.
5) Variable gm with superb linearity across three decade
fields.
!
!
!
!Block diagram
12345678
16
15
14
13
12
11
10
9
–
+
BUFFER
VCC
1 / 2
1 / 2
BA6110FS


Similar Part No. - BA6110FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA611 ETC1-BA611 Datasheet
163Kb / 1P
Silicljeve planarne signalne diode Silicon planar signal diodes
More results

Similar Description - BA6110FS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM143 NSC-LM143 Datasheet
228Kb / 12P
High Voltage Operational Amplifier
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
Low voltage operational amplifier
1994 Aug 31
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
VOLTAGE CONTROLLED AMPLIFIER
SSM2014 ETC-SSM2014 Datasheet
359Kb / 10P
OPERATIONAL VOLTAGE CONTROLLED ELEMENT
SG1436 ETC1-SG1436 Datasheet
175Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
Microsemi Corporation
SG143 MICROSEMI-SG143_1 Datasheet
292Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LH0004 TI1-LH0004 Datasheet
378Kb / 8P
High Voltage Operational Amplifier
logo
Analog Technologies, In...
AHVOA1500V100MA ANALOGTECHNOLOGIES-AHVOA1500V100MA Datasheet
519Kb / 4P
High Voltage Operational Amplifier
11/1/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com