Electronic Components Datasheet Search
  English  ▼

X  

BA7232 Datasheet(PDF) 2 Page - Rohm

Part # BA7232
Description  Color TV Signal Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7232 Datasheet(HTML) 2 Page - Rohm

  BA7232 Datasheet HTML 1Page - Rohm BA7232 Datasheet HTML 2Page - Rohm BA7232 Datasheet HTML 3Page - Rohm BA7232 Datasheet HTML 4Page - Rohm BA7232 Datasheet HTML 5Page - Rohm BA7232 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Multimedia ICs
BA7232FS
•Pin descriptions
Pin name
1
BIN
Analog B signal input
2
GIN
Analog G signal input
3
RIN
Analog R signal input
4
5
SYNCIN
6
BFPIN
7
NT / PAL
8
SCIN
Color subcarrier input
9
GND1
Ground for all drivers other than the 75
Ω driver
10
COUT
Chroma signal output. Internal 75
Ω driver.
11
GND2
Ground for the 75
Ω driver
12
N.C.
This pin is not connected inside the IC.
13
VOUT
Color TV signal output. Internal 75
Ω driver.
14
N.C.
This pin is not connected inside the IC.
15
YOUT
Luminance signal output. Internal 75
Ω driver.
16
SYNCOUT
Composite synchronization signal output
17
18
ROUT
Analog R signal output. Internal 75
Ω driver
19
GOUT
Analog G signal output. Internal 75
Ω driver.
20
BOUT
Analog B signal output. Internal 75
Ω driver.
Pin No.
Function
VCC2
Power supply pin for all drivers other than the 75
Ω driver
Burst flag pulse input (negative logic)
Composite synchronization signal input (negative logic)
Power supply pin for all drivers other than the 75
Ω driver
Selecting the type of color TV signal output
(high = NTSC, low = PAL)
VCC1
•Absolute maximum ratings (Ta = 25°C)
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
7V
Power dissipation
Pd
mW
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
750∗
∗ Reduced by 7.5mW for each increase in Ta of 1°C over 25°C.
When mounted on a 70
× 70 × 1.6mm glass epoxy board.
– 20 ~ + 70
– 55 ~ + 125
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
4.5 ~ 5.5
V
RIN input level
υRI
0 ~ 0.7
VP-P
GIN input level
υGI
0 ~ 0.7
VP-P
BIN input level
υBI
0 ~ 0.7
VP-P
SCIN input level
υSC
0.45 ~ 0.6
VP-P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com