Electronic Components Datasheet Search
  English  ▼

X  

BA7232 Datasheet(PDF) 6 Page - Rohm

Part # BA7232
Description  Color TV Signal Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7232 Datasheet(HTML) 6 Page - Rohm

  BA7232 Datasheet HTML 1Page - Rohm BA7232 Datasheet HTML 2Page - Rohm BA7232 Datasheet HTML 3Page - Rohm BA7232 Datasheet HTML 4Page - Rohm BA7232 Datasheet HTML 5Page - Rohm BA7232 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Multimedia ICs
BA7232FS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
FILTER
VCC
BFP
BFP
BFP
MATRIX
SYNC
CLAMP
CLAMP
CLAMP
0.1
µ
560
4.7k
Color subcarrier
VCC
Burst flag pulse
(BFP)
Composite synch
VCC
0.1
µ
0.1
µ
0.1
µ
75
220
µ
+
Color TV
signal output
VCC
Composite synch output
Analog B signal
Analog G signal
Analog R signal
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
SSOP - A20
11
10
20
1
8.7
± 0.2
0.36
± 0.1
0.8
0.3Min.
0.15
•Application example (NTSC color TV signals)
•External dimensions (Units: mm)
•Operation notes
(1) Input impedance at the input terminals should be as
low as possible as the analog RGB signal is clamped
there.
(2) The color subcarrier should have a duty of 50%.
Duty fluctuation will affect chroma phase. Resistance-
splitting input is used in the "Application example" to
accommodate 5VP-P CMOS input. For other types of
input, adjust to 0.5VP-P at SCIN.
(3) Composite synch and burst flag pulse inputs should
conform to their respective standards, as improper tim-
ing between them can prevent the TV from displaying
color images. For input, use the TTL level and an
impedance of 8k
Ω.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com