Electronic Components Datasheet Search
  English  ▼

X  

BA7611AF Datasheet(PDF) 3 Page - Rohm

Part # BA7611AF
Description  Video signal switcher
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7611AF Datasheet(HTML) 3 Page - Rohm

  BA7611AF Datasheet HTML 1Page - Rohm BA7611AF Datasheet HTML 2Page - Rohm BA7611AF Datasheet HTML 3Page - Rohm BA7611AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Multimedia ICs
BA7611AN / BA7611AF
•Electrical characteristics (unless otherwise noted, Ta = 25°C and VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement Circuit
VCC
4.5
—
13.0
V
Fig.4
ICC
—
10.5
15.5
mA
Fig.4
Vom
3.0
3.5
—
VP-P
—
—
—
—
Fig.4
GV
dB
f = 1MHz, VIN = 1.0VP-P
f = 1kHz, THD = 0.5%
Fig.4
CT
– 65
dB
Fig.4
Cf
– 3.0
0
dB
Fig.4
VTH-A
1.0
2.0
3.0
V
Fig.4
VTH-B
1.0
2.0
3.0
V
Fig.4
f = 4.43MHz, VIN = 1.0VP-P
f = 10MHz / 1MHz, VIN = 1.0VP-P
1.0
6.0
6.5
5.5
——
Operating voltage
Supply current
Maximum output level
Voltage gain
Interchannel crosstalk
Frequency characteristic
CTL pin switch level A
CTL pin switch level B
Not designed for radiation resistance.
•Electrical characteristic curves
INPUT VOLTAGE: VIN (VP-P)
2
1
0
3
4
5
7
8
9
10
6
1
0
2
3
4
56
VCC
=
12V
VCC
= 9V
VCC
= 5V
Fig. 1 VIN vs. VOUT (f = 1kHz)
•Measurement circuit
1
MUTE
6dB Amp
2
3
4
5
6
7
8
Logic
12
1
µF
0.022
µF
47
µF
OSC
50
Ω
1
µF
SW4
VCC
1
23
SW1
12
1
µF
OSC
50
Ω
1
µF
SW2
12
+
1
µF
OSC
50
Ω
1
µF
SW3
SW5
VCC
VCC
1
23
PP
V
Fig. 4
A
FREQUENCY: f (Hz)
100k
300k
1M
3M
10M
30M
100M
– 2
0
2
4
6
Fig. 2 Frequency characteristics
FREQUENCY: f (Hz)
100k
300k
1M
3M
10M
30M
100M
– 60
– 40
– 20
0
20
– 80
Fig. 3 Interchannel crosstalk



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com