Electronic Components Datasheet Search
  English  ▼

X  

BA7611AF Datasheet(PDF) 1 Page - Rohm

Part # BA7611AF
Description  Video signal switcher
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7611AF Datasheet(HTML) 1 Page - Rohm

  BA7611AF Datasheet HTML 1Page - Rohm BA7611AF Datasheet HTML 2Page - Rohm BA7611AF Datasheet HTML 3Page - Rohm BA7611AF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Multimedia ICs
Video signal switcher
BA7611AN / BA7611AF
The BA7611AN and BA7611AF are a three-channel analog multiplexers with built-in mute and a 6dB amplifier. The
ICs designed for use in video cassette recorders. It features a large dynamic range and wide operating frequency
range, and have sync-tip clamp inputs whitch are ideal for switching video signals.
•Applications
Video cassette recorders and televisions
•Features
1) 3-input / 1-output switches.
2) Built-in 6dB amplifier.
3) Built-in mute.
4) Sync-tip clamp inputs.
5) Wide operating supply voltage range
(4.5V to 13.0V).
6) Low power consumption (50mW Typ.).
7) Excellent frequency characteristics
(10MHz, 0dB Typ.).
8) Wide dynamic range (3.5VP-P Typ.).
9) Low interchannel crosstalk
( – 65dB Typ., f = 4.43MHz).
•Block diagram
•Truth table
1
MUTE
6dB Amp
2
3
4
5
6
7
8
LOGIC
BA7611AN
1
2
3
4
8
7
6
5
IN1
CTLA
CTLB
IN2
GND
IN3
VCC
VOUT
BA7611AF
MUTE
LOGIC
6dB
CTL - A
CTL - B
OUT
L (OPEN)
L (OPEN)
IN1
L (OPEN)
H
IN2
H
L (OPEN)
IN3
H
H
MUTE


Similar Part No. - BA7611AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7611AF ROHM-BA7611AF Datasheet
146Kb / 5P
Single Circuit Wide Dynamic Range Video Signal Switchers
More results

Similar Description - BA7611AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
Video signal switcher
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
Video signal switcher
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
Video signal switcher
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com