Electronic Components Datasheet Search
  English  ▼

X  

BA7654F Datasheet(PDF) 5 Page - Rohm

Part # BA7654F
Description  2-input, 1-output video signal switcher
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7654F Datasheet(HTML) 5 Page - Rohm

  BA7654F Datasheet HTML 1Page - Rohm BA7654F Datasheet HTML 2Page - Rohm BA7654F Datasheet HTML 3Page - Rohm BA7654F Datasheet HTML 4Page - Rohm BA7654F Datasheet HTML 5Page - Rohm BA7654F Datasheet HTML 6Page - Rohm BA7654F Datasheet HTML 7Page - Rohm BA7654F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Multimedia ICs
BA7654F
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
3.7
2.7
2.6
– 0.5
Typ.
—
5.0
3.1
0
Max.
7.7
8.2
—
+ 0.5
VCC
ICC
Vom
GV
Power supply voltage
Circuit current
Maximum output level
Voltage gain
Interchannel crosstalk
Frequency characteristics
CTL switching voltage
Unit
V
mA
VP-P
dB
Conditions
f = 1kHz, THD = 1.0%
f = 1MHz, VIN = 1.0VP-P
– 3.0
0
+ 1.0
Gf
dB
V
∗
f = 10MHz/1MHz, VIN = 1.0VP-P
—
—
1.0
VthL
2.5
—
—
VthH
—
– 70
—
Cta
dB
f = 4.43MHz, VIN = 1.0VP-P
∗ Vcc-CTL Threshold Level
Vth =
× 20 (V)
Vcc-VF
45
—
—
•Guaranteed design parameters (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
—
Typ.
0
Max.
0.5
DG
Differential gain
Differential phase
Unit
%
—
0.5
1.0
DP
deg
Conditions
VIN = 1.0VP-P
standard staircase signal
VIN = 1.0VP-P
standard staircase signal
•Measurement circuit
1
8
2
7
3
6
4
5
Logic
Clump
Clump
SW7
12
Vector
Scorp
Vcc
SW2
12
47
µ
0.1
µ
C11
C10
Open
2.5V
1.0V
SW1
12
OSC
C1
C2
3
C3
3300p
3300p
3300p
1.0V
V
A
SG
SW3
12
OSC
C4
C5
3
C6
3300p
3300p
3300p
SG
Fig. 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com