Electronic Components Datasheet Search
  English  ▼

X  

BA7654F Datasheet(PDF) 1 Page - Rohm

Part # BA7654F
Description  2-input, 1-output video signal switcher
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7654F Datasheet(HTML) 1 Page - Rohm

  BA7654F Datasheet HTML 1Page - Rohm BA7654F Datasheet HTML 2Page - Rohm BA7654F Datasheet HTML 3Page - Rohm BA7654F Datasheet HTML 4Page - Rohm BA7654F Datasheet HTML 5Page - Rohm BA7654F Datasheet HTML 6Page - Rohm BA7654F Datasheet HTML 7Page - Rohm BA7654F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Multimedia ICs
2-input, 1-output video signal
switcher
BA7654F
The BA7654F is video signal switch consisting of two input pins (IN1 and IN2), one CTL pin (CTL), and one output
pin (OUT). The inputs are sync-tip clamped (synchronous edge of the video input signals are aligned to the same
voltage), and as the input impedance is extremely large, it is possible to use a small value for the clamp capacitor
(the recommended capacitor is 0.01
µF (FZ) ceramic).
•Applications
VCRs, TVs, and other equipment using video signals
•Features
1) Small clamp capacitors can be used (ceramic,
3000pF (Min.), 0.01
µF (FZ) (recommended)).
2) Low supply voltage operation possible supply volt-
age range is 3.7V to 7.7V.
3) Superimposition used for fast switching speed with
low switching noise (70ns Typ.).
4) Low power consumption
(when VCC = 5V, 25mW Typ.).
5) Wide dynamic range (when VCC = 5V, 3.1VP-P Typ.).
6) Excellent frequency characteristics (10MHz, 0dB
Typ.).
7) Low interchannel crosstalk (– 70dB Typ.).
8) Voltage can be applied to the control pins even
when VCC is not applied.
•Selected output mode setting table
CTL
OUT
L
IN1
H
IN2
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
9
500∗
– 25 ~ + 75
– 55 ~ + 125
Unit
V
mW
°C
°C
VCC
Pd
Topr
Tstg
Applied voltage
Power dissipation
Operating temperature
Storage temperature
∗ Reduced by 50mW for each increase in Ta of 1°C over 25 °C.
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
4.0 ~ 7.0
Unit
V
VCC
Operating power supply voltage
Not designed for radiation resistance.


Similar Part No. - BA7654F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7654F ROHM-BA7654F Datasheet
156Kb / 5P
Single Circuit Video Signal Switchers
BA7654F ROHM-BA7654F Datasheet
491Kb / 10P
Single Circuit Video Signal Switcher
BA7654F ROHM-BA7654F_08 Datasheet
491Kb / 10P
Single Circuit Video Signal Switcher
BA7654F ROHM-BA7654F_1 Datasheet
156Kb / 5P
Single Circuit Video Signal Switchers
More results

Similar Description - BA7654F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Rohm
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
Video signal switcher
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
Video signal switcher
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
2-Input 1-Output Video Switch
logo
Rohm
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
Video signal switcher
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com