Electronic Components Datasheet Search
  English  ▼

X  

BU2090FS Datasheet(PDF) 2 Page - Rohm

Part # BU2090FS
Description  12-bit, serial IN, parallel OUT driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2090FS Datasheet(HTML) 2 Page - Rohm

  BU2090FS Datasheet HTML 1Page - Rohm BU2090FS Datasheet HTML 2Page - Rohm BU2090FS Datasheet HTML 3Page - Rohm BU2090FS Datasheet HTML 4Page - Rohm BU2090FS Datasheet HTML 5Page - Rohm BU2090FS Datasheet HTML 6Page - Rohm BU2090FS Datasheet HTML 7Page - Rohm BU2090FS Datasheet HTML 8Page - Rohm BU2090FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Standard ICs
BU2090 / BU2090F / BU2090FS /
BU2092 / BU2092F / BU2092FV
•Absolute maximum ratings (Ta = 25°C)
(BU2090 / F / FS, BU2092 / F / FV)
Parameter
Symbol
Limits
Unit
Power supply voltage
Power
dissipation
Power
dissipation
Operating temperature
Storage temperature
Input voltage
Output voltage
VDD
– 0.3 ~ + 7.0
V
BU2090 / F / FS
Pd
1000 (DIP), 300 (SOP), 500 (SSOP)∗1
1050 (DIP), 450 (SOP), 400 (SSOP)∗1
mW
BU2092 / F / FV
BU2090 / F / FS
Pd
500 (SOP)∗2, 650 (SSOP)∗3
500 (SOP)∗2, 650 (SSOP)∗4
mW
BU2092 / F / FV
Topr
– 25 ~ + 75
°C
Tstg
– 55 ~ + 125
°C
VIN
VSS – 0.3 ~ VDD + 0.3
V
VO
VSS ~ 25.0
V
∗1 Unmounted
∗2 When mounted on a glass epoxy board of 50mm × 50mm × 1.6mm
∗3 When mounted on a glass epoxy board of 90mm × 50mm × 1.6mm
∗4 When mounted on a glass epoxy board of 70mm × 70mm × 1.6mm
•Recommended operating conditions
Parameter
Symbol
Limits
Unit
Power supply voltage
VDD
2.7 ~ 5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com