Electronic Components Datasheet Search
  English  ▼

X  

BU2090FS Datasheet(PDF) 7 Page - Rohm

Part # BU2090FS
Description  12-bit, serial IN, parallel OUT driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2090FS Datasheet(HTML) 7 Page - Rohm

Back Button BU2090FS Datasheet HTML 3Page - Rohm BU2090FS Datasheet HTML 4Page - Rohm BU2090FS Datasheet HTML 5Page - Rohm BU2090FS Datasheet HTML 6Page - Rohm BU2090FS Datasheet HTML 7Page - Rohm BU2090FS Datasheet HTML 8Page - Rohm BU2090FS Datasheet HTML 9Page - Rohm BU2090FS Datasheet HTML 10Page - Rohm BU2090FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Standard ICs
BU2090 / BU2090F / BU2090FS /
BU2092 / BU2092F / BU2092FV
•Truth table
BU2092 / F / FV
INPUT
FUNCTION
CLOCK DATA
LCK
OE
××
×
H
××
×
L
L
××
H
××
××
×
××
×
××
×
Output (Q0 to Q11) disabled
Output (Q0 to Q11) enabled
First cell of the shift register stores the LOW. Other cells, respectively, store
data from the preceding cells or other prior data. (Output state is HOLD.)
First cell of the shift register stores the HIGH. Other cells, respectively, store
data from the preceding cells or other prior data. (Storage state and output state are HOLD.)
No change in shift register.
Contents of shift register are stored in storage register.
No change in shift register.
Q0 to Q11 output for the BU2090 / F / FS and BU2092 / F / FV is Nch open drain output. When the shift register transfer data is LOW,
the corresponding output FET is ON (continuous state). When the transfer data is HIGH, the output FET is OFF (discontinuous).
•Input / output circuit
VDD
VDD
GND (VSS)
GND (VSS)
GND (VSS)
Pin No.
Pin No.
Pin No.
Pin No.
Pin No.
Pin No.
BU2090 / F / FS
BU2092 / F
BU2092FV
BU2090 / F / FS
BU2092 / F
BU2092FV
2, 3
2, 3, 4, 17
2, 3, 4, 19
10, 11, 12, 13
14, 15
4, 5, 6, 7, 8, 9
10, 11, 12, 13
14, 15, 16
5, 6, 7, 8, 9,
10, 11, 14, 15
16, 17, 18
5, 6, 7, 8, 9,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com