Electronic Components Datasheet Search
  English  ▼

X  

BU8872FS Datasheet(PDF) 7 Page - Rohm

Part # BU8872FS
Description  DTMF receiver for telephones
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU8872FS Datasheet(HTML) 7 Page - Rohm

Back Button BU8872FS Datasheet HTML 2Page - Rohm BU8872FS Datasheet HTML 3Page - Rohm BU8872FS Datasheet HTML 4Page - Rohm BU8872FS Datasheet HTML 5Page - Rohm BU8872FS Datasheet HTML 6Page - Rohm BU8872FS Datasheet HTML 7Page - Rohm BU8872FS Datasheet HTML 8Page - Rohm BU8872FS Datasheet HTML 9Page - Rohm BU8872FS Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
198
Communication ICs
BU8872 / BU8872FS
FOperation notes
(1)
To prevent latch-ups, we recommend inserting a bypass capacitor (a capacitor between VDD and GND) close to
the VDD pin of the device.
(2)
If using a pin-type ceramic resonator, connect a CH class capacitor between the OSCIN and OSCOUT pins and
the GND.
(3)
This LSI is not equipped with the power-on reset function. Also, since the internal circuit (flip-flop circuit) becomes
unstable at the rising edge of the power supply, the internal circuit is initialized as shown below by the first DTMF se-
quence received after the rising edge of the power supply. Therefore, input four dummy ACK pulses before the DTMF
reception.
FSelecting attached components
(1) Power supply components
C502 : This is the VDD bypass capacitor, and is normally
100
µF.
JP501 : This is normally shorted. To test the current con-
sumption of the IC, insert a DC ammeter in place
of JP501.
(2) Oscillation components
X501, C551, and C552 : Use a crystal or ceramic resona-
tor
with
an
oscillation
frequency
of
4.194304MHz. If using a ceramic resonator,
there may be problems with the precision of the
oscillation frequency, so we recommend using
one of the ceramic resonators listed below.
X501
C551
C552
Murata CSA4.19MG
30pF
30pF
CST4.19MGW213 (internal capacitors)
Matsushita EFOEN4194
33pF
33pF
EFOEC4194
(internal capacitors)
TDK FCR4.19M5
33pF
33pF
FCR4.19MC5
(internal capacitors)
Kyocera KBR-4.19MSK
33pF
33pF
KBR-4.19MKS
(internal capacitors)
Fujitsu FAR-C4
j
(internal capacitors)
B-04194-K00
ROHM SFR3AU 4194
(internal capacitors)
C591 : If you are using a dedicated resonator designed
for DTMF receivers, such as the X501, C551, or
C552, capacitor C591 should be left open. If you
are injecting an external clock, X501 should be
omitted and capacitor C591 used in its place.
Typically, this capacitor should be 47nF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com