Electronic Components Datasheet Search
  English  ▼

X  

BU8872FS Datasheet(PDF) 1 Page - Rohm

Part # BU8872FS
Description  DTMF receiver for telephones
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU8872FS Datasheet(HTML) 1 Page - Rohm

  BU8872FS Datasheet HTML 1Page - Rohm BU8872FS Datasheet HTML 2Page - Rohm BU8872FS Datasheet HTML 3Page - Rohm BU8872FS Datasheet HTML 4Page - Rohm BU8872FS Datasheet HTML 5Page - Rohm BU8872FS Datasheet HTML 6Page - Rohm BU8872FS Datasheet HTML 7Page - Rohm BU8872FS Datasheet HTML 8Page - Rohm BU8872FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
192
Communication ICs
DTMF receiver for telephones
BU8872 / BU8872FS
The BU8872 and BU8872FS are DTMF receiver ICs developed for use in telephone answering machines, and convert
16 different types of DTMF signals into 4-bit binary serial data. In addition to a compact 8-pin DIP (BU8872) or 16-pin
SSOP (BU8872FS) package, these receivers feature a wide dynamic range, eliminating the need for an external input
amplifier. Expertise from a number of companies has been incorporated into these products to enable guard time control
through a host microcomputer.
FApplications
Telephone answering machines
FFeatures
1) Dynamic range of 45dB. (internal AGC)
2) 4-bit binary serial data output.
3) Guard time can be controlled through host micro-
computer.
4) Input pins equipped with hysteresis. (ACK pin)
5) 4.19MHz ceramic resonator or crystal resonator can
be used.
6) 8-pin DIP package. (BU8872)
16-pin SSOP package. (BU8872FS)
FBlock diagram


Similar Part No. - BU8872FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8872FS-E2 ROHM-BU8872FS-E2 Datasheet
167Kb / 10P
DTMF receiver for telephones BU8872 / BU8872FS
More results

Similar Description - BU8872FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8871F ROHM-BU8871F Datasheet
218Kb / 12P
DTMF receiver for telephones
BU8874 ROHM-BU8874 Datasheet
180Kb / 10P
DTMF receiver for telephones
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
DTMF Receiver
December 20, 1999
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
DTMF Receiver
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
DTMF Receiver
logo
Rohm
BU8872FS-E2 ROHM-BU8872FS-E2 Datasheet
167Kb / 10P
DTMF receiver for telephones BU8872 / BU8872FS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com