Electronic Components Datasheet Search
  English  ▼

X  

DTA124ESA Datasheet(PDF) 2 Page - Rohm

Part # DTA124ESA
Description  Digital transistors (built-in resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124ESA Datasheet(HTML) 2 Page - Rohm

  DTA124ESA Datasheet HTML 1Page - Rohm DTA124ESA Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DTA124EE / DTC124EUA / DTA124EKA /
Transistor
DTA124ECA / DTA124ESA
!Absolute maximum ratings
(Ta=25
°C)
!Packaging specifications
Limits(DTA124E
)
Parameter
Symbol
VCC
-50
-40~+10
-30
-100
150
200
300
150
-55~+150
E
UA
KA
CA
SA
V
V
mA
mW
˚C
˚C
VIN
IO
IC(Max.)
Pd
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
TL
-
UMT3
EMT3
SMT3
SST3
DTA124EE
Part No.
DTA124EUA
-
3000
T106
3000
-
-
T146
3000
-
--
T116
3000
-
-
DTA124EKA
---
DTA124ECA
----
SPT
TP
5000
-
-
-
-
DTA124ESA
Package
Package type
Taping
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)
!Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
-
-3
-
-
-
15.4
56
0.8
--
-
--
-0.1
-
-
22
-
1
250
-0.5
-0.3
-0.36
-0.5
28.6
-
1.2
V
VCC=-5V, IO=-100
µA
VO=-0.2V, IO=-5mA
IO/II=-10mA/-0.5mA
VI=-5V
VCC=-50V, VI=0V
VO=-5V, IO=-5mA
VCE=-10V, IE=5mA, f=100MHz
*
V
mA
µA
k
Ω
-
--
-
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
* Transition frequency of the device
!Electrical characteristics curves
OUTPUT CURRENT : IO
(A)
-100
-50
-20
-10
-5
-2
-1
-500m
-200m
-100m
-100
µ
-1m
-10m
-100m
-200
µ
-2m
-20m
-500
µ
-5m
-50m
VO=-0.3V
25˚C
100˚C
Ta=
−40˚C
Fig.1 Input voltage vs. output current
(ON characteristics)
0
-3.0
-10m
-1
µ
-2m
-5m
-1m
-200
µ
-500
µ
-100
µ
-20
µ
-50
µ
-10
µ
-2
µ
-5
µ
-0.5
-1.0
-1.5
-2.0
-2.5
VCC=-5V
INPUT VOLTAGE : VI (off)
(V)
Ta=100˚C
25˚C
-40˚C
Fig.2 Output current vs. input voltage
(OFF characteristics)
VO=-5V
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
-100
µ
-1m
-10m
-100m
-200
µ
-2m
-20m
-500
µ
-5m
-50m
25˚C
-40˚C
Ta=100˚C
Fig.3 DC current gain vs. output
current
lO/lI=20
-100
µ
-1m
-10m
-100m
-200
µ
-2m
-20m
-500
µ
-5m
-50m
-1
-500m
-200m
-100m
-10m
-50m
-5m
-20m
-2m
-1m
OUTPUT CURRENT : IO
(A)
Ta=100˚C
25˚C
-40˚C
Fig.4 Output voltage vs. output
current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com