Electronic Components Datasheet Search
  English  ▼

X  

DTA124ESA Datasheet(PDF) 1 Page - Rohm

Part # DTA124ESA
Description  Digital transistors (built-in resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124ESA Datasheet(HTML) 1 Page - Rohm

  DTA124ESA Datasheet HTML 1Page - Rohm DTA124ESA Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTA124EE / DTC124EUA / DTA124EKA /
Transistor
DTA124ECA / DTA124ESA
Digital transistors (built-in resistors)
DTA124EE / DTA124EUA / DTA124EKA /
DTA124ECA / DTA124ESA
!Features
1) Built-in bias resistors enable the
configuration of an inverter circuit
without connecting external input
resistors (see the equivalent
circuit).
2) The bias resistors consist of thin-
film resistors with complete
isolation to allow positive biasing
of the input. They also have the
advantage of almost completely
eliminating parasitic effects.
3) Only the on / off conditions need
to be set for operation, making
device design easy.
!Structure
PNP digital transistor
(Built-in resistor type)
!Equivalent circuit
R1
R2
IN
GND(+)
OUT
IN
GND(+)
OUT
!External dimensions
(Units : mm)
Abbreviated symbol : 15
Abbreviated symbol : 15
Abbreviated symbol : 15
Abbreviated symbol : 15
0~0.1
1.1
0.8±0.1
0.15
0.4
2.9±0.2
1.9±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
0.2
0.2
0.5
0.5
1.0±0.1
1.6±0.2
0.3
0.55±0.1
0.7±0.1
0.15±0.05
(3)
(2)
(1)
0~0.1
−0.05
+0.1
+0.1
−0.05
+0.1
−0.05
0~0.1
(2)
(1)
(3)
0.9±0.1
0.2
0.7±0.1
0.15±0.05
0.3
2.0±0.2
1.3±0.1
0.65 0.65
+0.1
−0
0~0.1
0.2Min.
0.95
0.45±0.1
0.15
0.4
2.9±0.2
1.9±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
4
±0.2
2
±0.2
0.45
0.5
0.45
5
(1) (2) (3)
−0.05
+0.15
+0.15
−0.05
2.5+0.4
−0.1
(1) GND
(2) IN
(3) OUT
(1) GND
(2) IN
(3) OUT
(1) GND
(2) IN
(3) OUT
(1) GND
(2) IN
(3) OUT
(1) GND
(2) OUT
(3) IN
ROHM : EMT3
DTA124EE
ROHM : UMT3
EIAJ : SC-70
DTA124EUA
ROHM : SMT3
EIAJ : SC-59
DTA124EKA
ROHM : SST3
DTA124ECA
ROHM : SPT
EIAJ : SC-72
DTA124ESA
All terminals have same dimensions
All terminals have same dimensions
All terminals have same dimensions


Similar Part No. - DTA124ESA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124ESA ROHM-DTA124ESA Datasheet
92Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA124ESA SECOS-DTA124ESA Datasheet
217Kb / 2P
PNP Digital Transistors (Built-in Resistors)
logo
Shenzhen Jin Yu Semicon...
DTA124ESA HTSEMI-DTA124ESA Datasheet
401Kb / 2P
Digital transistors (PNP)
logo
Rohm
DTA124ESA ROHM-DTA124ESA Datasheet
79Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
logo
Taiwan Semiconductor Co...
DTA124ESA TSC-DTA124ESA Datasheet
201Kb / 3P
PNP Small Signal Transistor
More results

Similar Description - DTA124ESA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTB133HK ROHM-DTB133HK Datasheet
53Kb / 1P
Digital transistors (built-in resistors)
DTC143ZE ROHM-DTC143ZE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC363EU ROHM-DTC363EU Datasheet
105Kb / 4P
Digital transistors (built-in resistors)
DTD114EK ROHM-DTD114EK Datasheet
60Kb / 2P
Digital transistors (built-in resistors)
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143ZE SECOS-DTC143ZE Datasheet
205Kb / 2P
Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com