Electronic Components Datasheet Search
  English  ▼

X  

RN5RG Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RN5RG
Description  VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RG Datasheet(HTML) 3 Page - RICOH electronics devices division

  RN5RG Datasheet HTML 1Page - RICOH electronics devices division RN5RG Datasheet HTML 2Page - RICOH electronics devices division RN5RG Datasheet HTML 3Page - RICOH electronics devices division RN5RG Datasheet HTML 4Page - RICOH electronics devices division RN5RG Datasheet HTML 5Page - RICOH electronics devices division RN5RG Datasheet HTML 6Page - RICOH electronics devices division RN5RG Datasheet HTML 7Page - RICOH electronics devices division RN5RG Datasheet HTML 8Page - RICOH electronics devices division RN5RG Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RN5RG
×××× – ×× ← Part Number
↑↑↑
↑
ab c
d
RN5RG
2
SELECTION GUIDE
The output voltage, the version, the packing type, and the taping type for the ICs can be selected at the user's
request.
The selection can be made by designating the part number as shown below :
For example, the product with Output Voltage 5.0V, Version A, and Taping Type TR is designated by Part
Number RN5RG50AA-TR.
Code
Contents
Setting Output Voltage (VOUT):
a
Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible.
bA
Designation of Packing Type:
c
A: Taping
C: Antistatic bag for samples
Designation of Taping Type:
d
Ex.
TR, TL
(refer to Taping Specifications)
“TR” is prescribed as a standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com