Electronic Components Datasheet Search
  English  ▼

X  

RN5RG Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RN5RG
Description  VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RG Datasheet(HTML) 5 Page - RICOH electronics devices division

  RN5RG Datasheet HTML 1Page - RICOH electronics devices division RN5RG Datasheet HTML 2Page - RICOH electronics devices division RN5RG Datasheet HTML 3Page - RICOH electronics devices division RN5RG Datasheet HTML 4Page - RICOH electronics devices division RN5RG Datasheet HTML 5Page - RICOH electronics devices division RN5RG Datasheet HTML 6Page - RICOH electronics devices division RN5RG Datasheet HTML 7Page - RICOH electronics devices division RN5RG Datasheet HTML 8Page - RICOH electronics devices division RN5RG Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RN5RG
4
ELECTRICAL CHARACTERISTICS
Symbol
Item
VOUT
Output Voltage
IOUT
Output Current
IEXT
EXT Current
∆VOUT
Load Regulation
∆IOUT
VDIF
Dropout Voltage
ISS
Supply Current
Istandby
Supply Current (Standby)
IEXTleak
EXT Leakage Current
∆VOUT
∆VIN
Line Regulation
VIN
Input Voltage
VEXT
EXT Output Voltage
∆VOUT
Output Voltage
∆Topt
Temperature Coefficient
VCEH
CE Input Voltage “H”
VCEL
CE Input Voltage “L”
ICEH
CE Input Current “H”
ICEL
CE Input Current “L”
Conditions
MIN.
TYP.
MAX.
Unit
Note
VIN=8.0V
VOUT
VOUT
V
IOUT=50mA
×0.975
×1.025
VIN–VOUT=1.0V
1000
mA
Note
VIN=4.0V, VEXT=2.0V
10
mA
VIN–VOUT=1.0V
1mA
≤IOUT≤100mA
–60
60
mV
IOUT=100mA
100
200
mV
VIN–VOUT=1.0V
IOUT=0mA (at no load)
50
80
µA
VIN=8V
0.01
0.2
1.0
µA
0.5
µA
IOUT=50mA
0
0.1
0.3
%/V
VOUT+0.5V
≤VIN≤8V
8V
8V
IOUT=10mA
–40˚C
≤Topt≤85˚C
±100
ppm/˚C
1.5
V
0.25
V
0
0.1
µA
–5
–3
–0.1
µA
Topt=25˚C
(Note)
The output current depends upon the performance of External PNP Transistor. Use External PNP Transistor of a low saturation type, with an hFE
of 100 or more.
*) With respect to Test Circuits, refer to the Typical Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com