Electronic Components Datasheet Search
  English  ▼

X  

RH5VT09C Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # RH5VT09C
Description  LOW VOLTAGE DETECTOR?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5VT09C Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button RH5VT09C Datasheet HTML 9Page - RICOH electronics devices division RH5VT09C Datasheet HTML 10Page - RICOH electronics devices division RH5VT09C Datasheet HTML 11Page - RICOH electronics devices division RH5VT09C Datasheet HTML 12Page - RICOH electronics devices division RH5VT09C Datasheet HTML 13Page - RICOH electronics devices division RH5VT09C Datasheet HTML 14Page - RICOH electronics devices division RH5VT09C Datasheet HTML 15Page - RICOH electronics devices division RH5VT09C Datasheet HTML 16Page - RICOH electronics devices division RH5VT09C Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
R
×5VT
9
•
R
×5VT54A/C
Topt=25˚C
(Note 1)
Minimum Operating Voltage means the value of input voltage when output voltage maintains 0.1V or less, provided that in the case of
Nch Open Drain Type Products, the pull-up resistance is set at 470k
Ω, and the pull-up voltage is set at 5.0V.
(Note 2)
Refer to the previously defined “Output Delay Time
tPLH”.
•
R
×5VT45A/C
Topt=25˚C
Symbol
Item
–VDET
Detector Threshold
VHYS
Detector Threshold Hysteresis
ISS
Supply Current
VDDH
Maximum Operating Voltage
VDDL
Minimum Operating Voltage
IOUT
Output Current
tPLH
Output Delay Time
∆–VDET
Detector Threshold
∆Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
Note
4.388
4.500
4.612
V
0.135
0.225
0.315
V
VDD=4.34V
1.1
3.3
VDD=6.50V
1.3
3.9
µA
10
V
Topt=25˚C
0.55
0.70
V
Note 1
–30˚C
≤Topt≤80˚C
0.65
0.80
Nch
VDS=0.05V,VDD=0.70V
0.01
0.05
mA
VDS=0.50V,VDD=1.50V
1.00
2.00
Pch VDS=–2.1V,VDD=8.0V
1.5
3.0
mA
100
µs
Note 2
–30˚C
≤Topt≤80˚C
±100
ppm/˚C
Symbol
Item
–VDET
Detector Threshold
VHYS
Detector Threshold Hysteresis
ISS
Supply Current
VDDH
Maximum Operating Voltage
VDDL
Minimum Operating Voltage
IOUT
Output Current
tPLH
Output Delay Time
∆–VDET
Detector Threshold
∆ Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
Note
5.265
5.400
5.535
V
0.162
0.270
0.378
V
VDD=5.20V
1.2
3.6
VDD=7.40V
1.4
4.2
µA
10
V
Topt=25˚C
0.55
0.70
V
Note 1
–30˚C
≤Topt≤80˚C
0.65
0.80
Nch
VDS=0.05V,VDD=0.70V
0.01
0.05
mA
VDS=0.50V,VDD=1.50V
1.00
2.00
Pch VDS=–2.1V,VDD=8.0V
1.5
3.0
mA
100
µs
Note 2
–30˚C
≤Topt≤80˚C
±100
ppm/˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com