Electronic Components Datasheet Search
  English  ▼

X  

RH5VT09C Datasheet(PDF) 16 Page - RICOH electronics devices division

Part # RH5VT09C
Description  LOW VOLTAGE DETECTOR?
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5VT09C Datasheet(HTML) 16 Page - RICOH electronics devices division

Back Button RH5VT09C Datasheet HTML 12Page - RICOH electronics devices division RH5VT09C Datasheet HTML 13Page - RICOH electronics devices division RH5VT09C Datasheet HTML 14Page - RICOH electronics devices division RH5VT09C Datasheet HTML 15Page - RICOH electronics devices division RH5VT09C Datasheet HTML 16Page - RICOH electronics devices division RH5VT09C Datasheet HTML 17Page - RICOH electronics devices division RH5VT09C Datasheet HTML 18Page - RICOH electronics devices division RH5VT09C Datasheet HTML 19Page - RICOH electronics devices division RH5VT09C Datasheet HTML 20Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
R
×5VT
12
Supply Current 1
Supply Current 2
ISS(µA)
ISS(µA)
Conditions
TYP.
MAX.
Conditions
TYP.
MAX.
VDD=
(–VDET)
1.1
3.3
1.3
3.9
–0.16V
VDD=
(–VDET)
+2.0V
VDD=
(–VDET)
1.2
3.6
1.4
4.2
–0.20V
Detector Threshold
Detector Threshold
Part Number
–VDET(V)
VHYS(V)
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
R
×5VT40A/C 3.900 4.000 4.100 0.120 0.200 0.280
R
×5VT41A/C 3.998 4.100 4.202 0.123 0.205 0.287
R
×5VT42A/C 4.095 4.200 4.305 0.126 0.210 0.294
R
×5VT43A/C 4.193 4.300 4.407 0.129 0.215 0.301
R
×5VT44A/C 4.290 4.400 4.510 0.132 0.220 0.308
R
×5VT45A/C 4.388 4.500 4.612 0.135 0.225 0.315
R
×5VT46A/C 4.485 4.600 4.715 0.138 0.230 0.322
R
×5VT47A/C 4.583 4.700 4.817 0.141 0.235 0.329
R
×5VT48A/C 4.680 4.800 4.920 0.144 0.240 0.336
R
×5VT49A/C 4.778 4.900 5.022 0.147 0.245 0.343
R
×5VT50A/C 4.875 5.000 5.125 0.150 0.250 0.350
R
×5VT51A/C 4.973 5.100 5.277 0.153 0.255 0.357
R
×5VT52A/C 5.070 5.200 5.330 0.156 0.260 0.364
R
×5VT53A/C 5.168 5.300 5.432 0.159 0.265 0.371
R
×5VT54A/C 5.265 5.400 5.535 0.162 0.270 0.378
R
×5VT55A/C 5.363 5.500 5.637 0.165 0.275 0.385
R
×5VT56A/C 5.460 5.600 5.740 0.168 0.280 0.392
R
×5VT57A/C 5.558 5.700 5.842 0.171 0.285 0.399
R
×5VT58A/C 5.655 5.800 5.945 0.174 0.290 0.406
R
×5VT59A/C 5.753 5.900 6.047 0.177 0.295 0.413
Hysteresis
(Note 1) Refer to the previously defined “Output Delay Time tPLH”.
(Note 2) Refer to the previously defined “Minimum Operating Voltage”.
Condition 1:Topt =25˚C
Condition 2:–30˚C
≤Topt ≤ 80˚C
•
R
×5VT40A/C to R×5VT60A/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com