Electronic Components Datasheet Search
  English  ▼

X  

PM9110BFE Datasheet(PDF) 3 Page - Sames

Part # PM9110BFE
Description  MONOCHIP THREE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9110BFE Datasheet(HTML) 3 Page - Sames

  PM9110BFE Datasheet HTML 1Page - Sames PM9110BFE Datasheet HTML 2Page - Sames PM9110BFE Datasheet HTML 3Page - Sames PM9110BFE Datasheet HTML 4Page - Sames PM9110BFE Datasheet HTML 5Page - Sames PM9110BFE Datasheet HTML 6Page - Sames PM9110BFE Datasheet HTML 7Page - Sames PM9110BFE Datasheet HTML 8Page - Sames PM9110BFE Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PM9110BF
sames
3/14
ELECTRICAL CHARACTERISTICS
(Over the temperature range -10°C to +70°C, unless otherwise specified. Power
consumption figures are applicable to the PM9110BFE only.)
Parameter
Symbol Min
Typ Max
Unit
Condition
Supply Voltage (x3 Phase)
V
AC
180
230
265
V
PM9110BFE
(Continuous)
Power Consumption
100
m W
From external
power supply
Isolation Voltage1
V
IS
2500
V
Continuous
Opto-coupler Output
Current
I
O
10
mA
V
OL = 1V
Opto-coupler Input
Current
I
I
10
mA
Note 1: Isolation voltage may be specified, depending on customer requirements.
PIN DESCRIPTION
Designation
Description
SK1
Isolated programming interface
5-Pin
Header
connector
SK2
Isolated pulse output
2-Pin
Header
connector
MAINS
Voltage Supply Connected to Phase 1
Voltage Supply Connected to Phase 2
Voltage Supply Connected to Phase 3
Voltage Supply Connected to Neutral Line (common)
CT1
Phase 1 (Orientation indicated on PCB)
CT2
Phase 2 (Orientation indicated on PCB)
CT3
Phase 3 (Orientation indicated on PCB)
POWER
5V DC Supply Voltage
0V DC Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com