Electronic Components Datasheet Search
  English  ▼

X  

PM9110BFE Datasheet(PDF) 5 Page - Sames

Part # PM9110BFE
Description  MONOCHIP THREE PHASE BIDIRECTIONAL KILOWATT HOUR METERING MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9110BFE Datasheet(HTML) 5 Page - Sames

  PM9110BFE Datasheet HTML 1Page - Sames PM9110BFE Datasheet HTML 2Page - Sames PM9110BFE Datasheet HTML 3Page - Sames PM9110BFE Datasheet HTML 4Page - Sames PM9110BFE Datasheet HTML 5Page - Sames PM9110BFE Datasheet HTML 6Page - Sames PM9110BFE Datasheet HTML 7Page - Sames PM9110BFE Datasheet HTML 8Page - Sames PM9110BFE Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PM9110BF
sames
5/14
PM9110BF
PC Parallel Connectors (Suggested)
Pin
Description
Pin
Description
1
GND
18
GND
2PB
2
D1
3
PCLK
4
D3
4
PDTA
5
D4
5
PGM
3
D2
Note: The recommended connections above are applicable for the demonstration
software provided with the PM9110BF.
6.
Optical Port
The optical port has been designed to meet the IEC1107 Mode D specification. This
facillity offers a pulse output as well as a serial data meter reading facility.
Three types of interfacing elements from the PM9110BF are available:
a) Infra-red optical port
b) Red LED
c) Opto-coupler
In order to maximise the intensity of the element, it is suggested that only one of
the outputs be used at any one time.
Jumper
Element
J5
Opto Coupler
J6
Infra Red LED
J7
Red LED
7.
Liquid Crystal Display (LCD)
The PM9110BF has a LCD comprising of seven digits with announciatiors.
To cater for compatibility with future devices four jumpers are provided for
backplane driving configurations.
The PM9110BF boards are shipped to the
customer with jumpers in a default configuration.
8.
Tariff, Scroll and Reset Functions
Tariff Selection
A dual DIP switch provides the user with the facility to set the active tariff register
in which consumption will be accumulated.
The active register is indicated on the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com