Electronic Components Datasheet Search
  English  ▼

X  

SA3488 Datasheet(PDF) 12 Page - Sames

Part # SA3488
Description  CMOS 256 X 256 DIGITAL SWITCHING MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA3488 Datasheet(HTML) 12 Page - Sames

Back Button SA3488 Datasheet HTML 8Page - Sames SA3488 Datasheet HTML 9Page - Sames SA3488 Datasheet HTML 10Page - Sames SA3488 Datasheet HTML 11Page - Sames SA3488 Datasheet HTML 12Page - Sames SA3488 Datasheet HTML 13Page - Sames SA3488 Datasheet HTML 14Page - Sames SA3488 Datasheet HTML 15Page - Sames SA3488 Datasheet HTML 16Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SA3488
sames
12
FUNCTIONAL DESCRIPTION OF SPECIFIC MICROPROCESSOR OPERATIONS
The device, under microprocessor control, performs the following instructions:
1
CHANNEL CONNECTION/DISCONNECTION
2
CHANNEL DISCONNECTION
3
INSERTION OF A BYTE ON A PCM OUTPUT CHANNEL/CHANNEL
DISCONNECTION)
4
TRANSFER OF A SINGLE OUTPUT CHANNEL SAMPLE
5
TRANSFER OF A SINGLE OUTPUT CHANNEL CONTROL WORD
6
TRANSFER OF SELECTED 0 CHANNEL PCM INPUT DATA ACCORDING TO AN
8-BIT MASK PREVIOUSLY STORED IN THE “EXPECTED MESSAGES”
REGISTER.
The instruction flow is as follows:
Any input protocol is started by the microprocessor interface loading the internal stack
register with 2 bytes (4 bytes for instructions 1 and 3) qualified as data bytes by C/D =
0 and a specific opcode qualified by C/D = 1 (match condition is normally needed).
After the code is loaded, the instruction register is immediately checked to see whether
it is acceptable; if not, it is rejected. If accepted the instruction is also processed as
regards match condition and is appended for execution during the memories’ space
cycles.
Four cases are possible:
a)
the code is not valid; execution cannot take place, the DR output pin is reset to
indicate the error and all registers are saved;
b)
the code is valid for types 2, 4 and 6 but it is unmatched; execution cannot take place,
and DR is not affected.
c)
the code is valid for types 1 and 3 and it is unmatched; the instruction is interpreted
as a channel disconnection.
d)
the code is valid and it either matches or is of type 5; the instruction is processed as
received.
Validation control takes only two cycles out of a total execution time of 5 to 13 cycles;
the last operation is the updating of the contents of registers OR1 and OR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com