Electronic Components Datasheet Search
  English  ▼

X  

SA589 Datasheet(PDF) 11 Page - Sames

Part # SA589
Description  LD/DTMF SWITCHABLE DIALLERS WITH DEDICATED KEYS FOR 20 MEMORIES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA589 Datasheet(HTML) 11 Page - Sames

Back Button SA589 Datasheet HTML 6Page - Sames SA589 Datasheet HTML 7Page - Sames SA589 Datasheet HTML 8Page - Sames SA589 Datasheet HTML 9Page - Sames SA589 Datasheet HTML 10Page - Sames SA589 Datasheet HTML 11Page - Sames SA589 Datasheet HTML 12Page - Sames SA589 Datasheet HTML 13Page - Sames SA589 Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SA589 FAMILY
sames
11/14
Fig.7 Timing data
MASK OPTIONS
The SA589 has been designed so that many features can be altered quickly and inexpensively
at the final stage of manufacture. These options allow the telephone manufacturer to cater
for different market requirements throughout the world without changing the telephone circuit.
The options, listed below, are possible in any combination. Standard options are listed first
in bold italics at 'a'. Other options may be produced by arrangement. Please consult your
nearest SAMES Representative for advice on availability.
A.
'Long' TBR (Flash) Period
a.
270ms
b.
600ms
B.
LD to DTMF Keypad Switching
a.
* and # keys
b.
TONE key
c.
* key
C.
Retention of Post-*/#Digits in LNR Store (DTMF Mode)
a.
All digits retained
b.
Digits before * or # retained
D.
Short/Long TBR Selection
a.
As specified
b.
Short and Long TBR reversed
E.
Recall (Flash)/LNR protocol
a.
Digits dialled after Recall retained
b.
Digits dialled before Recall retained
t
INTER-DIGIT PAUSE (800ms)
MAKE PERIOD (40ms or 33ms)
BREAK PERIOD (60ms or 67ms)
POST-DIGIT MAKE (=t
)
PRE-DIGIT PAUSE (=t
)
t
t
=
=
4
5
DR-00689
t=
t
t
=
=
1
2
3
3
3
5
1
IMP
t
2
t
4
5
t
t
3
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com