Electronic Components Datasheet Search
  English  ▼

X  

SA589 Datasheet(PDF) 12 Page - Sames

Part # SA589
Description  LD/DTMF SWITCHABLE DIALLERS WITH DEDICATED KEYS FOR 20 MEMORIES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA589 Datasheet(HTML) 12 Page - Sames

Back Button SA589 Datasheet HTML 6Page - Sames SA589 Datasheet HTML 7Page - Sames SA589 Datasheet HTML 8Page - Sames SA589 Datasheet HTML 9Page - Sames SA589 Datasheet HTML 10Page - Sames SA589 Datasheet HTML 11Page - Sames SA589 Datasheet HTML 12Page - Sames SA589 Datasheet HTML 13Page - Sames SA589 Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SA589 FAMILY
sames
12/14
F.
DTMF Minimum Timings
a.
100ms on, 100ms off
b.
85ms on, 85ms off
c.
85ms on, 170ms off
G.
Pin 5
a.
MASK
b.
MASK
H.
Pin 3
a.
IMP
b.
IMP
c.
[IMP + MASK]
d.
[IMP + MASK]
I.
Pin 18
a.
MUTE
b.
MUTE
J.
Pin 13 Function
a.
PAUSE OUT
b.
SECRECY
ABSOLUTE MAXIMUM RATINGS *
Parameter
Min
Typ
Max
Unit
Notes
Supply Voltage V
DD - VSS
-0,3
6,5
V
Voltage on any pin (except HSW)
V
SS -0,3
V
DD +0,3
V
Voltage on pin HSW
V
SS -0,3
V
See Note 1
Current at any pin
-1
1
mA
(except HSW, FILTOUT and FILTIN)
Current at pin FILTOUT
0
0,1
mA
Current at pin FILTIN
-5
0
mA
Operating Temperature
-25
70
°C
Storage Temperature
-55
125
°C
* Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This a stress rating only. Functional operation of the device at these
or any other condition above those indicated in the operation sections of this specification, is
not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device
reliability.
Note 1: A diode is internally connected between this pin and V
DD. Provided current is externally
limited to 300µA max, no damage will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com