Electronic Components Datasheet Search
  English  ▼

X  

KA2504 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # KA2504
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2504 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button KA2504 Datasheet HTML 8Page - Samsung semiconductor KA2504 Datasheet HTML 9Page - Samsung semiconductor KA2504 Datasheet HTML 10Page - Samsung semiconductor KA2504 Datasheet HTML 11Page - Samsung semiconductor KA2504 Datasheet HTML 12Page - Samsung semiconductor KA2504 Datasheet HTML 13Page - Samsung semiconductor KA2504 Datasheet HTML 14Page - Samsung semiconductor KA2504 Datasheet HTML 15Page - Samsung semiconductor KA2504 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2504
11
AC Electrical Characteristics
(Tamb = 25°C, VCC = 12 V, VDD = 12 V)
Table 4. AC Electrical Characteristics
No
Parameter
Symbol
Value
Unit
Min
Typ
Max
71
R Video Bandwidth
f-3dBR
85
-
-
MHz
72
G Video Bandwidth
f-3dBG
85
-
-
MHz
73
B Video Bandwidth
f-3dBB
85
-
-
MHz
74
R Video Amp Gain
AvmaxR
15.5
17.5
19.5
dB
75
G Video Amp Gain
AvmaxG
15.5
17.5
19.5
dB
76
B Video Amp Gain
AvmaxB
15.5
17.5
19.5
dB
77
Max Gain Difference between R-G AMP
∆AvmaxRG
-1.0
-
1.0
dB
78
Max Gain Difference between G-B AMP
∆AvmaxGB
-1.0
-
1.0
dB
79
Max Gain Difference between B-R AMP
∆AvmaxBR
-1.0
-
1.0
dB
80
Low Gain Difference between R-G AMP
∆AvlowRG
-1.0
-
1.0
dB
81
Low Gain Difference between G-B AMP
∆AvlowGB
-1.0
-
1.0
dB
82
Low Gain Difference between B-R AMP
∆AvlowBR
-1.0
-
1.0
dB
83
R Sub Drive Ctrl Max. -Center
AvDRmax
-3
-4
-5
dB
84
G Sub Drive Ctrl Max. -Center
AvDGmax
-3
-4
-5
dB
85
B Sub Drive Ctrl Max. -Center
AvDBmax
-3
-4
-5
dB
86
R Sub Drive Ctrl Min. -Center
AvDRmin
-11
-8
-5
dB
87
G Sub Drive Ctrl Min. -Center
AvDGmin
-11
-8
-5
dB
88
B Sub Drive Ctrl Min. -Center
AvDBmin
-11
-8
-5
dB
89
R Contrast Ctrl Max. -Center
AvCRmax
-7
-6
-4
dB
90
G Contrast Ctrl Max. -Center
AvCGmax
-7
-6
-4
dB
91
B Contrast Ctrl Max. -Center
AvCBmax
-7
-6
-4
dB
92
R Contrast Ctrl Min. -Center
AvCRmin
-
-
-35
dB
93
G Contrast Ctrl Min. -Center
AvCGmin
-
-
-35
dB
94
B Contrast Ctrl Min. -Center
AvCBmin
-
-
-35
dB
95
R ABL Control Range
∆ABLR
-8.5
-11.5
-14.5
dB
96
G ABL Control Range
∆ABLG
-8.5
-11.5
-14.5
dB
97
B ABL Control Range
∆ABLB
-8.5
-11.5
-14.5
dB
98
R Video Amp THD
THDR
-
1.0
5.0
%
99
G Video Amp THD
THDG
-
1.0
5.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com