Electronic Components Datasheet Search
  English  ▼

X  

KA2504 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KA2504
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2504 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KA2504 Datasheet HTML 9Page - Samsung semiconductor KA2504 Datasheet HTML 10Page - Samsung semiconductor KA2504 Datasheet HTML 11Page - Samsung semiconductor KA2504 Datasheet HTML 12Page - Samsung semiconductor KA2504 Datasheet HTML 13Page - Samsung semiconductor KA2504 Datasheet HTML 14Page - Samsung semiconductor KA2504 Datasheet HTML 15Page - Samsung semiconductor KA2504 Datasheet HTML 16Page - Samsung semiconductor KA2504 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
KA2504
I2C BUS COTROLLED R/G/B VIDEO AMPLIFIER
12
Min
Typ
Max
100
B Video Amp THD
THDB
-
1.0
5.0
%
101
R Video Rising Time
trR
-
4.0
5.0
nS
102
G Video Rising Time
trG
-
4.0
5.0
nS
103
B Video Rising Time
trB
-
4.0
5.0
nS
104
R Video Falling Time
tfR
-
4.0
5.0
nS
105
G Video Falling Time
tfG
-
4.0
5.0
nS
106
B Video Falling Time
tfB
-
4.0
5.0
nS
107
R Blank Output Rising Time
trBlankR
-
6.0
15.0
nS
108
G Blank Output Rising Time
trBlankG
-
6.0
15.0
nS
109
B Blank Output Rising Time
trBlankB
-
6.0
15.0
nS
110
R Blank Output Falling Time
tfBlankR
-
6.0
15.0
nS
111
G Blank Output Falling Time
tfBlankG
-
6.0
15.0
nS
112
B Blank Output Falling Time
tfBlankB
-
6.0
15.0
nS
113
R Blank Rising Prop. Delay
trBlankPrR
-
23
50
nS
114
G Blank Rising Prop. Delay
trBlankPrG
-
23
50
nS
115
B Blank Rising Prop. Delay
trBlankPrB
-
23
50
nS
116
R Blank Falling Prop. Delay
tfBlankPrR
-
20
45
nS
117
G Blank Falling Prop. Delay
tfBlankPrG
-
20
45
nS
118
B Blank Falling Prop. Delay
tfBlankPrB
-
20
45
nS
119
R Video Amp ISO1 10 kHz
ISO1_10KR
-
-65
-45
dB
120
R Video Amp ISO2 10 kHz
ISO2_10KG
-
-65
-45
dB
121
G Video Amp ISO1 10 kHz
ISO1_10KB
-
-65
-45
dB
122
G Video Amp ISO2 10 kHz
ISO2_10KR
-
-65
-45
dB
123
B Video Amp ISO1 10 kHz
ISO1_10KG
-
-65
-45
dB
124
B Video Amp ISO2 10 kHz
ISO2_10KB
-
-65
-45
dB
125
R Video Amp ISO1 10 MHz
ISO1_10MR
-
-50
-35
dB
126
R Video Amp ISO2 10 MHz
ISO2_10MR
-
-50
-35
dB
127
G Video Amp ISO1 10 MHz
ISO1_10MG
-
-50
-35
dB
128
G Video Amp ISO2 10 MHz
ISO2_10MG
-
-50
-35
dB
129
B Video Amp ISO1 10 MHz
ISO1_10MB
-
-50
-35
dB
130
B Video Amp ISO2 10 MHz
ISO2_10MB
-
-50
-35
dB
Table 4. AC Electrical Characteristics (Continued)
No
Parameter
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com