Electronic Components Datasheet Search
  English  ▼

X  

KB8527B Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KB8527B
Description  1 CHIP CLP SUBSYSTEM IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8527B Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KB8527B Datasheet HTML 4Page - Samsung semiconductor KB8527B Datasheet HTML 5Page - Samsung semiconductor KB8527B Datasheet HTML 6Page - Samsung semiconductor KB8527B Datasheet HTML 7Page - Samsung semiconductor KB8527B Datasheet HTML 8Page - Samsung semiconductor KB8527B Datasheet HTML 9Page - Samsung semiconductor KB8527B Datasheet HTML 10Page - Samsung semiconductor KB8527B Datasheet HTML 11Page - Samsung semiconductor KB8527B Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
KB8527B
1 CHIP CLP SUBSYSTEM IC
Pin No
Symbol
Description
PDR
Phase detector output terminal of the receiver at PLL.
If fRX > fREF or fRX is Leading
The output is negative pulse
If fRX < fREF or fRX is Lagging
The output is positive pulse
If fRX = fREF and the same phase
The output is high impedance
45
VREF(PLL)
PLL voltage reference output pin.
An internal voltage regulator provides a stable power supply voltage for the RX
and TX PLLs.
46
VCC(PLL)
Power supply terminal of PLL.
47
TIF
Input terminal of TX channel counter.
AC coupling with TX VCO.
Minimum input level is 300 mVp-p ( at 60MHz ).
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com