Electronic Components Datasheet Search
  English  ▼

X  

KB8527B Datasheet(PDF) 18 Page - Samsung semiconductor

Part # KB8527B
Description  1 CHIP CLP SUBSYSTEM IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB8527B Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button KB8527B Datasheet HTML 13Page - Samsung semiconductor KB8527B Datasheet HTML 14Page - Samsung semiconductor KB8527B Datasheet HTML 15Page - Samsung semiconductor KB8527B Datasheet HTML 16Page - Samsung semiconductor KB8527B Datasheet HTML 17Page - Samsung semiconductor KB8527B Datasheet HTML 18Page - Samsung semiconductor KB8527B Datasheet HTML 19Page - Samsung semiconductor KB8527B Datasheet HTML 20Page - Samsung semiconductor KB8527B Datasheet HTML 21Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
KB8527B
1 CHIP CLP SUBSYSTEM IC
• Operating internal circuit blocks in each mode
• CLO_LBD - Register Program
[ Rx - 1`st local oscillation internal cap. for U.S.A - 25CH & Low battery detect voltage ]
- CLO register ( 6 bits ) : Receiver 1`st local oscillator internal capacitor selection
*****
PMC ( Program Mode Control )
PMC = `HIGH` & EN = `HIGH` ---> CLO_LBD Register Program Mode
Operating circuit blocks
Mode ( state )
Active state
( Communication mode )
Receiving mode
Inactive state
PLL regulator / MICOM I/F ( Data, CLK, EN ) / 2`nd local oscillator / Receiver
/ 1`st local oscillator / RX PLL / Carrier detector / FSK comparator / Low
battery detector / TX PLL / Expander & speaker amp / Compressor /
Splatter filter amp
PLL regulator / MICOM I/F ( Data, CLK, EN ) / 2`nd local oscillator / Receiver
/ 1`st local oscillator / RX PLL / Carrier detector / FSK comparator / Low
battery detector.
PLL regulator / MICOM I/F ( Data, CLK, EN )
Bit
Bit10 (MSB)
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
Default Value
0
Function
PMC
CLO5
CLO4
CLO3
CLO2
CLO1
CLO0
1
* * * * *
0
0
0
0
0
0
-
0:Normal
1:Internal
Cap. for
USA 25
Channel
=4.4pF
0:Normal
1:Internal
Cap. for
USA 25
Channel
=1.0pF
0:Normal
1:Internal
Cap. for
USA 25
Channel
=3.6pF
0:Normal
1:Internal
Cap. for
USA 25
Channel
=1.2pF
0:Normal
1:Internal
Cap. for
USA 25
Channel
=0.6pF
0:Normal
1:Internal
Cap. for
USA 25
Channel
=2.4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com