Electronic Components Datasheet Search
  English  ▼

X  

KS0713 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # KS0713
Description  65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0713 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button KS0713 Datasheet HTML 8Page - Samsung semiconductor KS0713 Datasheet HTML 9Page - Samsung semiconductor KS0713 Datasheet HTML 10Page - Samsung semiconductor KS0713 Datasheet HTML 11Page - Samsung semiconductor KS0713 Datasheet HTML 12Page - Samsung semiconductor KS0713 Datasheet HTML 13Page - Samsung semiconductor KS0713 Datasheet HTML 14Page - Samsung semiconductor KS0713 Datasheet HTML 15Page - Samsung semiconductor KS0713 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
KS0713
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
9
SYSTEM CONTROL
Table 5. System Control Pin Description
Name
I/O
Description
Master / Slave operation select pin
− MS = "H": master operation
− MS = "L": slave operation
The following table depends on the MS status.
MS
CLS
OSC
circuit
Power
supply
circuit
CL
M
FRS
DISP
H
Enabled
Enabled
Output
Output
Output
Output
H
L
Disabled
Enabled
Input
Output
Output
Output
L
-
Disabled
Disabled
Input
Input
Output
Input
MS
I
CLS
I
Built-in oscillator circuit enable / disable select pin
− CLS = “H”: enable
− CLS = “L”: disable (external display clock input to CL pin)
CL
I/O
Display clock input / output pin
When the KS0713 is used in master/slave mode (multi-chip), the CL pins must be
connected each other.
M
I/O
LCD AC signal input / output pin
When the KS0713 is used in master/slave mode (multi-chip), the M pins must be
connected each other.
− MS = “H”: output
− MS = “L”: input
FRS
O
Static driver segment output pin
This pin is used together with the M pin.
DISP
I/O
LCD display blanking control input / output
When KS0713 is used in master/slave mode (multi-chip), the DISP pins must be
connected each other.
− MS = “H”: output
− MS = “L”: input
INTRS
I
Internal resistors select pin
This pin selects the resistors for adjusting V0 voltage level.
− INTRS = "H": use the internal resistors.
− INTRS = "L": use the external resistors.
V0 voltage is controlled with VR pin and external resistive divider.
HPM
I
Power control pin of the power supply circuit for LCD driver
− HPM = "H": high power mode
− HPM = "L": normal mode
This pin is valid in master operation.
TEMPS
I
Selects temperature coefficient of the reference voltage
− TEMPS = "L": -0.05%/°C
− TEMPS = "H": -0.2%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com