Electronic Components Datasheet Search
  English  ▼

X  

KS0713 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KS0713
Description  65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0713 Datasheet(HTML) 4 Page - Samsung semiconductor

  KS0713 Datasheet HTML 1Page - Samsung semiconductor KS0713 Datasheet HTML 2Page - Samsung semiconductor KS0713 Datasheet HTML 3Page - Samsung semiconductor KS0713 Datasheet HTML 4Page - Samsung semiconductor KS0713 Datasheet HTML 5Page - Samsung semiconductor KS0713 Datasheet HTML 6Page - Samsung semiconductor KS0713 Datasheet HTML 7Page - Samsung semiconductor KS0713 Datasheet HTML 8Page - Samsung semiconductor KS0713 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
KS0713
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
1
INTRODUCTION
The KS0713 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 65
commons and 132 segments driver circuits. This chip is connected directly to a microprocessor, accepts serial or
8-bit parallel display data and stores in an on-chip Display Data RAM of 65 x 132 bits. It provides a high-flexible
display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. And it
performs display data RAM read/write operation with no externally operating clock to minimize power
consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible
to make a display system with the fewest components.
FEATURES
Driver Output Circuits
− 65 common outputs / 132 segment outputs
On-chip Display Data RAM
− Capacity: 65 x 132 = 8,580 bits
Applicable Duty Ratios
Duty ratio
Applicable LCD bias
Maximum display area
1/65
1/7 or 1/9
65
× 132
1/49
1/6 or 1/8
49
× 132
1/33
1/5 or 1/6
33
× 132
Microprocessor Interface
− 8-bit parallel bi-directional interface with 6800-series or 8080-series
− Serial interface (only write operation) available
Function Set
− Various instructions sets
− H/W, S/W reset capable
Built-in Analog Circuit
− On-chip oscillator circuit
− Voltage converter (x2, x3, x4, x5)
− Voltage regulator (temperature coefficient: -0.05%/°C, -0.2%/°C)
− Voltage follower
− Electronic contrast control function (64 steps)
Operating Voltage Range
− Supply voltage (VDD): 2.4 to 3.6 V
− LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V
Low Power Consumption
− 70 µΑ Typ. (VDD = 3V, x4 boosting, V0 = 11V, internal power supply ON)
− 10 µΑ Max. (during power save [standby] mode)
Package Type
− Gold bumped chip or TCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com