Electronic Components Datasheet Search
  English  ▼

X  

KT8554 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KT8554
Description  1 CHIP CODECS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KT8554 Datasheet(HTML) 2 Page - Samsung semiconductor

  KT8554 Datasheet HTML 1Page - Samsung semiconductor KT8554 Datasheet HTML 2Page - Samsung semiconductor KT8554 Datasheet HTML 3Page - Samsung semiconductor KT8554 Datasheet HTML 4Page - Samsung semiconductor KT8554 Datasheet HTML 5Page - Samsung semiconductor KT8554 Datasheet HTML 6Page - Samsung semiconductor KT8554 Datasheet HTML 7Page - Samsung semiconductor KT8554 Datasheet HTML 8Page - Samsung semiconductor KT8554 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
KT8554B/7B
1 CHIP CODECS
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS (Ta = 25oC)
Pin No
Symbol
Description
1
V
BB
V
BB = - 5V ±5%.
2
GNDA
Analog ground.
3
VF
RO
Analog output of the receive power Amp.
4
V
CC
V
CC = +5V ± 5%.
5
FS
R
Receive frame sync pulse. 8KHz pulse train.
6
D
R
PCM data input.
7
Logic input which selects either 1.536MHz/1.544MHz or 2.048MHz for master
clock in normal operation and BCLK
X is used for both TX and RX directions.
Alternately direct clock input available, very from 64KHz to 2.048MHz.
8
When MCLK
R is connected continuously high, the device is powered down.
Normally connected continusously low, MCLK
X is selected for all DAC timing.
Alternately direct 1.536MHz/1.544MHz or 2.048MHz clock input available.
9
MCLK
X
Must be1.536MHz/1.544MHz or 2.048MHz.
May be vary from 64KHz to 2.048MHz but BCLK
X is externally tied with MCLKX
in normal operation.
11
D
X
PCM data output.
12
FS
X
TX frame sync pulse. 8KHz pulse train.
13
TS
X
Changed from high to low during the encoder timeslot. Open drain output.
Analog output of the TX input amplifier.
Used to set gain through external resistor.
15
VF
XI
-
Inverting input stage of the TX analog signal.
16
VF
XI
+
Non-inverting input stage of the TX analog signal.
Characteristic
Symbol
Value
Unit
Positive Supply Voltage
V
CC
7
V
Negative Supply Voltage
V
BB
- 7
V
Voltage at Any Analog Input or Output
V
I (A)
V
CC + 0.3 to VBB
- 0.3
V
Voltage at Any Digital Input or Output
V
l (D)
V
CC + 0.3 to GNDA - 0.3
V
Operating Temperature Range
Ta
- 25 to + 125
oC
Storage Temperature Range
T
STG
- 65 to + 150
oC
Lead Temperature (Soldering, 10 secs)
T
LEAD
300
oC
10
BCLK
X
BCLK
R /
CLKSEL
MCLK
R /
PDN
GS
X
14



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com