Electronic Components Datasheet Search
  English  ▼

X  

KT8554 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KT8554
Description  1 CHIP CODECS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KT8554 Datasheet(HTML) 4 Page - Samsung semiconductor

  KT8554 Datasheet HTML 1Page - Samsung semiconductor KT8554 Datasheet HTML 2Page - Samsung semiconductor KT8554 Datasheet HTML 3Page - Samsung semiconductor KT8554 Datasheet HTML 4Page - Samsung semiconductor KT8554 Datasheet HTML 5Page - Samsung semiconductor KT8554 Datasheet HTML 6Page - Samsung semiconductor KT8554 Datasheet HTML 7Page - Samsung semiconductor KT8554 Datasheet HTML 8Page - Samsung semiconductor KT8554 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KT8554B/7B
1 CHIP CODECS
TIMING CHARACTERISTICS
(Unless otherwise noted, V
CC = 5.0 ±5%, VBB = -5.0V ±5%, GNDA = 0V, Ta = 0
oC to 70 oC; typical characteristics
specified at V
CC = 5.0V, VBB = -5.0V, Ta = 25
oC; all signals referenced to GNDA.)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Frequency of Master Clocks
f
MCK
Depends on the device used and the
BCLK
R /CLKSEL Pin.
MCLK
X and MCLKR
1.536
1.544
2.048
MHz
MHz
MHz
Rise Time of Bit Clock
t
R (BCK)
t
PB = 488ns
50
ns
Fall Time of Bit Clock
t
F (BCK)
t
PB = 488ns
50
ns
Holding Time from Bit Clock
Low to Frame Sync
0
ns
Holding Time from Bit Clock
High to Frame Sync
0
ns
Set-Up Time from Frame Sync
to Bit Clock Low
80
ns
Delay Time from BCLK
X High
to Data Valid
0
180
ns
Delay Time to TS
X Low
t
D (TSXL)
Load = 150pF plus 2 LSTTL loads
140
ns
Delay Time from BCLK
X Low to
Data Output Disabled
50
165
ns
Delay Time to Valid Data from
FS
X or BCLKX, Whichever
Comes Later
t
D (VD)
C
L = 0pF to 150pF
20
165
ns
Set-Up Time from D
R Valid to
BCLK
R/X Low
50
ns
Hold Time from BCLK
R/X Low
to D
R Invalid
50
ns
Set-Up Time from FS
X/R to
BCLK
X/R Low
Short frame sync pulse (1 or 2 bit
clock periods long) (Note1)
50
ns
Width of Master Clock High
t
W (MCKH)
MCLK
X and MCLKR
160
ns
Width of Master Clock Low
t
W (MCKL)
MCLK
X and MCLKR
160
ns
Rise Time of Master Clock
t
R (MCK)
MCLK
X and MCLKR
50
ns
Fall Time of Master Clock
t
F( MCK)
MCLK
X and MCLKR
50
ns
Set-Up Time from BCLK
X High
(and FS
X In Long Frame Sync
Mode) to MCLK
X Falling Edge
t
SU (BHMF)
Period of Bit Clock
t
CK
485
488
15,72
5
ns
Width of Bit Clock High
t
W (BCKH)
V
IH = 2.2V
160
ns
Width of Bit Clock Low
t
W (BCKL)
V
IL = 0.6V
160
ns
t
H (LFS)
t
H (HFS)
t
SU (FBCL)
t
D (HDV)
t
D (LDD)
t
SU (DR BL)
t
H (BL DR)
t
SU (FBLS)
Long frame only
Short frame only
Long frame only
Load = 150pF plus 2 LSTTL loads
First bit clock after the leading
edge of FS
X



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com