Electronic Components Datasheet Search
  English  ▼

X  

SAP08P Datasheet(PDF) 6 Page - Sanken electric

Part # SAP08P
Description  Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SAP08P Datasheet(HTML) 6 Page - Sanken electric

  SAP08P Datasheet HTML 1Page - Sanken electric SAP08P Datasheet HTML 2Page - Sanken electric SAP08P Datasheet HTML 3Page - Sanken electric SAP08P Datasheet HTML 4Page - Sanken electric SAP08P Datasheet HTML 5Page - Sanken electric SAP08P Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Built-in temperature
compensation diodes
Built-in emitter resistor
Darlington
SAP08N
VCBO
80 ( Tc = 25
°C)
150
–55 to +150
V
VCEO
150
V
VEBO
5
V
IC
10
A
IB
1
A
PC
W
Tj
°C
150
Tstg
°C
(Ta=25
°C)
(Ta= 25
°C)
ICBO
IC=6A, IB=6mA
VCB =150V
IE =1A
µA
100
100
150
5000
20000
2.0
2.5
1220
705
0.176
0.22
0.264
IEBO
VEB =5V
µA
VCEO
IC =30mA
V
hFE ✽
VCE =4V, IC=6A
VCE(sat)
IC =6A, IB =6mA
V
VBE(sat)
V
Di VF
mV
IF=2.5mA
RE
Ω
min
typ
max
10
Di IF
mA
VCE =20V, IC= 40mA
VBE
mV
External Dimensions
(Unit: mm)
✽
Rank O (5000 to 12000), Y (8000 to 20000)
15.4±0.3
4.5±0.2
17.8±0.3
4±0.1
9.9±0.2
1.6±0.2
3.2±0.2
1.35
(36
°)
+0.2
–0.1
0.65
+0.2
–0.1
0.8
+0.2
–0.1
0.65
+0.2
–0.1
1±0.1
BD
C
S E
2.54±0.1
2.54±0.1
3.81±0.1
3.81±0.1
B
D
R: 70
Ω Typ.
C
S
E
RE: 0.22
Ω Typ.
Emitter resistor
Application: Audio
Collector-Emitter Voltage VCE (V)
2
2
0
4
6
8
10
1000
200
500
5000
10000
50000
04
0.3mA
0.5mA
0.8mA
1.0mA
1.3mA
2.0mA
2.5mA
10mA
6
Base Current IB (mA)
15
0.3
0.5
0
1
2
3
10
100
50
Base-Emitter Voltage VBE (V)
1
0
0
6
4
2
8
10
23
Collector Current IC (A)
0.1
0.5
0.03
1
5
10
0.1
0.5
1
3
Time t (ms)
10
1
5
50
100
500
2000
1000
IC –VCE Characteristics ( Typical)
Collector-Emitter Voltage VCE (V)
10
35
0.1
0.05
0.5
1
5
30
10
50
200
100
Safe Operating Area (Single Pulse)
VCE(sat) –IB Characteristics (Typical)
IC –VBE Temperature Characteristics
hFE –IC Characteristics ( Typical)
j-a –
t Characteristics
IC =8A
(VCE =4V)
6A
4A
125
°C
25
°C
–30
°C
D.C
100ms
10ms
1.8mA
125
°C
25
°C
–30
°C
1.5mA
IB= 0.2mA
(VCE=4V )
Ambient Temperature Ta (
°C)
50
75
025
20
0
3.5
40
80
60
100
150
125
PC –Ta Derating
(Complement to type SAP08P)
sAbsolute maximum ratings
sElectrical Characteristics
Equivalent
circuit
Weight: Approx 8.3g
a. Part Number
b. Lot Number
Symbol
Ratings
Unit
Symbol
Conditions
Ratings
Unit
Without Heatsink
Natural Cooling
Without Heatsink
(7.62)
(12.7)
a
b



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com