Electronic Components Datasheet Search
  English  ▼

X  

SAP08P Datasheet(PDF) 1 Page - Sanken electric

Part # SAP08P
Description  Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SAP08P Datasheet(HTML) 1 Page - Sanken electric

  SAP08P Datasheet HTML 1Page - Sanken electric SAP08P Datasheet HTML 2Page - Sanken electric SAP08P Datasheet HTML 3Page - Sanken electric SAP08P Datasheet HTML 4Page - Sanken electric SAP08P Datasheet HTML 5Page - Sanken electric SAP08P Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAPseries
Part Number
SAP15P/SAP15N
SAP10P/SAP10N
SAP08P/SAP08N
150
100
80
160
150
150
15
12
10
0.22
0.22
0.22
5000 to 20000
5000 to 20000
5000 to 20000
PC (W)
VCEO (V )
IC (A)
Emitter resistor (
Ω)
hFE
R:70
Ω Typ.
D
S
RE: 0.22
Ω Typ.
E
C
B
B
D
R: 70
Ω Typ.
C
S
E
Emitter resistor
RE: 0.22
Ω Typ.
Emitter resistor
BD
S
CE
ES
D
CB
NPN
PNP
15.4±0.3
4.5±0.2
(7.62)
(12.7)
17.8±0.3
4±0.1
9.9±0.2
1.6±0.2
3.2±0.2
1.35
(36
°)
+0.2
–0.1
0.65
+0.2
–0.1
0.8
+0.2
–0.1
0.65
+0.2
–0.1
1±0.1
2.54±0.1
2.54±0.1
3.81±0.1
3.81±0.1
Darlington transistors with
built-in temperature compensation diodes
for audio amplifier applications
qBuilt-in temperature compensation diodes and one emitter resistor
qReal time temperature compensation
The temperature compensation diodes are mounted on one chip and placed in the center of the chip to
detect temperature rises directly.
qElimination of the temperature dependency of the idling current
The temperature coefficient of the diodes is optimized to have the idling current stabilized; thus one of
the fatal failure modes in conventional Darlington transistors, Thermal Runaway, is avoidable.
qSymmetrical design for the PNP and the NPN pinouts
The new design minimizes the length of the pattern layout, and output distortions are controlled.
qDarlington transistors, temperature compensation diodes and one emitter resistor are
incorporated in one package, so labor for parts insertion as well as the parts count is
reduced.
Features
Line up
sExternal Dimentions (Unit : mm)
sEquivalent Circuit Diagram
a
b
Weight: approx 8.3g
a. Part Number
b. Lot Number
➀➁ ➂ ➃➄


Similar Part No. - SAP08P

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
BUILT-IN TEMPERATURE COMPENSATION DIODES
More results

Similar Description - SAP08P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2532 TOSHIBA-2SC2532 Datasheet
132Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
10-Apr-1997
logo
Sanyo Semicon Device
LA17000M SANYO-LA17000M Datasheet
830Kb / 54P
Tuner System IC with Built-in PLL for Car Audio Applications
logo
Sanken electric
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
Built-in temperature compensation diodes
SAP16P SANKEN-SAP16P Datasheet
36Kb / 1P
Built-in temperature compensation diodes
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
SAP09P SANKEN-SAP09P Datasheet
45Kb / 1P
BUILT-IN TEMPERATURE COMPENSATION DIODES
logo
GE Solid State
RCA1B04 GESS-RCA1B04 Datasheet
72Kb / 2P
SILICON TRANSISTORS FOR AUDIO-AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2532 TOSHIBA-2SC2532_03 Datasheet
78Kb / 3P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
logo
Sanken electric
STD03P SANKEN-STD03P Datasheet
393Kb / 8P
Darlington Transistor with built-in compensation diodes
logo
Hamamatsu Corporation
C11204-01 HAMAMATSU-C11204-01_15 Datasheet
320Kb / 5P
Bias power supply with built-in high precision temperature compensation for MPPCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com