Electronic Components Datasheet Search
  English  ▼

X  

SAP08N Datasheet(PDF) 3 Page - Sanken electric

Part # SAP08N
Description  Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SAP08N Datasheet(HTML) 3 Page - Sanken electric

  SAP08N Datasheet HTML 1Page - Sanken electric SAP08N Datasheet HTML 2Page - Sanken electric SAP08N Datasheet HTML 3Page - Sanken electric SAP08N Datasheet HTML 4Page - Sanken electric SAP08N Datasheet HTML 5Page - Sanken electric SAP08N Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Di VF
TR VBE
Variations
Variations
VBE
VBE Min.
(P and N: hFE Max.)
VBE Max.
(P and N: hFE Min.)
IC
40mA
∆VF=500mV
2. External Variable Resistor
Total forward voltage (at IF =2.5mA) of the diodes is designed to be equal or less than that of total VBE (at IC
= 40mA) of the transistor, thus the idling current is required to be adjusted at 40mA with an additional
external variable resistor.
The relations are shown as below:
Total VF of Diode
Total VBE of Transistor + Total VRE of Emitter Resistor
∆V=0 to 500mV
The VBE of the transistor is dependent to the hFE, and the VBE is lower with higher hFE and vice versa. The
hFE for both the PNP and the NPN varies between 5k and 20k; thus the VBE is the lowest with the
combination of maximum hFE (20k) each and it is the highest with the combination of minimum hFE (5k)
each.
Presuming the voltage difference between the VF of the diodes and the VBE of the transistors (including the
total voltage drops of the two emitter resistors) as
∆V.
Minimum VBE – Maximum VF variations of the diodes = 0
Maximum VBE – Minimum VF variations of the diodes = 500mV
The current flowing over the diodes and the VR is adjusted at 2.5mA; therefore
500mV
2.5mA = 200
Ω
Consequently, the applicable VR value is to be 0 to 200
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com