Electronic Components Datasheet Search
  English  ▼

X  

SAP08N Datasheet(PDF) 4 Page - Sanken electric

Part # SAP08N
Description  Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SAP08N Datasheet(HTML) 4 Page - Sanken electric

  SAP08N Datasheet HTML 1Page - Sanken electric SAP08N Datasheet HTML 2Page - Sanken electric SAP08N Datasheet HTML 3Page - Sanken electric SAP08N Datasheet HTML 4Page - Sanken electric SAP08N Datasheet HTML 5Page - Sanken electric SAP08N Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.0
10.0
5.0
0
500
1000
1500
VF (mV)
IF – VF Characteristics
2000
2500
3000
PN-Di
SBD
(5 diodes Total)
PN–Di+SBD
3. Characteristics of the temperature compensation diodes
The several temperature compensation diodes are connected in series, so the forward voltage is varied with
small current fluctuations. Therefore, in case the forward current flowing over the diodes is set at 2.5mA and
over, the forward voltage rises, and in the worst combinations, the idling current reaches to 40mA and over
with minimum VR of 0
Ω. On the contrary, in case the forward current is set at 2.5mA or below, the idling
current may not reach to 40mA with maximum VR of 200
Ω.
4. Parallel push-pull application
Adjustments of the idling current are required by each the resistor in parallel push-pull applications. One
side adjustment will cause the idling current to be unstable (seesaw operation) because of the different hFE.
Ta=25
°C
To be adjusted individually



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com