Electronic Components Datasheet Search
  English  ▼

X  

2SA1875 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA1875
Description  High-Definition CRT Display Video Output Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1875 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA1875 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1875 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1875 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1875 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1875 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1875 / 2SC4976
No.5507-2/5
Specifications
( ) : 2SA1875
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)200
V
Collector-to-Emitter Voltage
VCEO
(--)200
V
Emitter-to-Base Voltage
VEBO
(--)3
V
Collector Current
IC
(--)300
mA
Collector Current (Pulse)
ICP
(--)600
mA
Base Current
IB
(--)30
mA
Collector Dissipation
PC
0.8
W
Tc=25
°C12
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)150V, IE=0
(--)0.1
µA
Emitter Cutoff Current
IEBO
VEB=(--)2V, IC=0
(--)1.0
µA
DC Current Gain
hFE1VCE=(--)10V, IC=(--)50mA
60*
320*
hFE2VCE=(--)10V, IC=(--)250mA
20
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)100mA
400
MHz
Output Capacitance
Cob
VCB=(--)30V, f=1MHz
(5.0)4.2
pF
Reverse Transfer Capacitance
Cre
VCB=(--)30V, f=1MHz
(4.2)3.4
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)50mA, IB=(--)5mA
(--)1.0
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)50mA, IB=(--)5mA
(--)1.0
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0
(--)200
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)200
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)100µA, IC=0
(--)3
V
* : The 2SA1875 / 2SC4976 are classified by 50mA hFE as follows
Rank
D
E
F
hFE
60 to 120
100 to 200
160 to 320
0
--0.2
--0.4
--0.6
--1.0
--0.8
--1.2
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT03431
--100
--50
0
--350
--150
--200
--250
--300
2SA1875
VCE= --10V
0
0.2
0.4
0.6
1.0
0.8
1.2
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT03432
100
50
0
350
150
200
250
300
2SC4976
VCE=10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com