Electronic Components Datasheet Search
  English  ▼

X  

2SA1875 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SA1875
Description  High-Definition CRT Display Video Output Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1875 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SA1875 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1875 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1875 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1875 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1875 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1875 / 2SC4976
No.5507-4/5
Case Temperature, Tc --
°C
0
14
12
10
6
8
4
2
20
060
40
80
100
140
120
160
PC -- Tc
ITR08233
Cre -- VCB
ITR04482
Collector-to-Base Voltage, VCB -- V
1.0
5
3
2
3
7
2
10
2
73
5
3
7
2
7
--1.0
--10
--100
2
5
2SA1875
f=1MHz
1.0
5
3
2
3
7
2
10
2
73
5
3
7
2
7
1.0
10
100
2
5
Cre -- VCB
Collector-to-Base Voltage, VCB -- V ITR04483
2SC4976
f=1MHz
No
heat
sink
Ambient Temperature, Ta --
°C
0
1.0
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
PC -- Ta
ITR08232
A S O
Collector-to-Emitter Voltage, VCE -- V
100
5
2
3
3
1000
5
2
3
7
7
5
7
10
10
2
5
37
5
37 100
23
ICP=600mA
DC
operation
Ta=25
°C
P
C =0.8W
IC=300mA
ITR08231
Tc=25
°C
Single pulse
For PNP, minus sign is omitted
22
3
37
55
2
3
7
--1.0
--10
--100
5
7
f T -- IC
Collector Current, IC -- mA
ITR04484
2SA1875
VCE= --10V
10
100
1000
2
2
7
5
3
7
5
3
2
22
3
37
55
2
3
7
1.0
10
100
5
7
f T -- IC
Collector Current, IC -- mA
ITR04485
2SC4976
VCE=10V
10
100
1000
2
2
7
5
3
7
5
3
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com