Electronic Components Datasheet Search
  English  ▼

X  

2SC5611 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5611
Description  60V / 5A High-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5611 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5611 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5611 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5611 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5611 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2023/2SC5611
No.6336–2/4
Continued on preceding page.
Switching Time Test Circuit
OUTPUT
++
INPUT
RL=10Ω
RB
VR
IB1
IB2
50
Ω
VCC=20V
VBE=--5V
470
µF
100
µF
PW=20
µs
D.C.
≤1%
20IB1=--20IB2=IC=2A
(For PNP, the polarity is reversed.)
1000
100
7
5
3
2
7
5
3
2
10
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
hFE -- IC
IT00515
Ta=120
°C
25
°C
--40
°C
2SC5611
VCE=2V
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IC -- VBE
IT00513
2SC5611
VCE=2V
7
5
3
2
10
1000
100
7
5
3
2
--0.01
3
25
--10
--0.1
73
25
7
3
25
7
--1.0
hFE -- IC
IT00514
Ta=120
°C
25
°C
--40
°C
--6
--5
--4
--3
--2
--1
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IC -- VBE
IT00512
2SA2023
VCE=--2V
Base-to-Emitter Voltage, VBE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –A
Collector Current, IC –A
2SA2023
VCE=--2V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
m
1
)
–
(
=
E 0
=0
8
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
–
(
=
E
B =∞
0
6
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
m
1
)
–
(
=
C 0
=5
)
–
(V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
1
.
0s
µ
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
5
.
0
s
µ
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
1
.
0s
µ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com