Electronic Components Datasheet Search
  English  ▼

X  

2SC5611 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5611
Description  60V / 5A High-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5611 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5611 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5611 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5611 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5611 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2023/2SC5611
No.6336–3/4
A S O
0.01
7
5
3
2
0.1
1.0
7
5
3
2
10
7
5
3
2
2
0.1
25
37 1.0
10
25
37
100
22
5
37
IT00521
IC
A S O
--0.01
7
5
3
2
--0.1
--1.0
7
5
3
2
--10
7
5
3
2
2
--0.1
25
37 --1.0
--10
25
37
--100
22
5
3
7
IT00520
ICP
ICP
IC
DC
operation
Tc=25
°C
DC
operation
Ta=25
°C
DC
operation
Tc=25
°C
DC
operation
Ta=25
°C
100
10
2
3
5
7
2
3
5
7
1.0
2
3
5
7
0.1
2
3
5
7
0.01
0.01
0.1
23
5
7
2
35 7
2
3
5 7
1.0
10
VCE(sat) -- IC
IT00519
2SC5611
IC / IB=20
--100
--10
2
3
5
7
2
3
5
7
--1.0
2
3
5
7
--0.1
2
3
5
7
--0.01
--0.01
--0.1
23
5
7
2
3
5 7
2
3
5
7
--1.0
--10
VCE(sat) -- IC
IT00518
2SA2023
IC / IB=--20
1ms
2SA2023
Ta=25
°C
Single pulse
2SC5611
Ta=25
°C
Single pulse
100
µs
10
µs
1ms
100
µs
10
µs
f T -- IC
7
3
100
2
5
7
3
2
5
10
1000
--0.01
25
7
3
--0.1
25
7
3
--1.0
25
7
3
--10
IT00516
2SA2023
VCE=--5V
f T -- IC
7
3
100
2
5
7
3
2
5
10
1000
0.01
25
7
3
0.1
25
7
3
1.0
25
7
3
10
IT00517
2SC5611
VCE=5V
1.2
1.4
1.3
0
1.0
0.8
0.4
0.2
0.6
20
060
40
80
100
140
120
160
PC -- Ta
IT00522
2SA2023 / 2SC5611
0
10
8
12
4
2
6
20
060
40
80
100
140
120
160
PC -- Tc
IT01783
2SA2023 / 2SC5611
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Ambient Temperature, Ta – ˚C
No
heat
sink
Case Temperature, Tc – ˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com