Electronic Components Datasheet Search
  English  ▼

X  

2SD1913 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SD1913
Description  60V/3A Low-Frequency Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1913 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SD1913 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1913 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1913 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1913 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1274/2SD1913
No.2246-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Current Gain
hFE1VCE=(--)5V, IC=(--)0.5A
70*
280*
hFE2VCE=(--)5V, IC=(--)3A
20
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)0.5A
100
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(60)40
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)2A, IB=(--)0.2A
(--)0.4
(--)1
V
Base-to-Emitter Voltage
VBE
VCE=(--)5V, IC=(--)0.5A
(--)0.8
(--)1
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)1mA, IE=0
(--)60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=5mA, RBE=∞
(--)60
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)1mA, IC=0
(--)6
V
* : The 2SBB1274 / 2SD1913 are classified by 0.5A hFE as follows :
Rank
QR
S
hFE
70 to 140
100 to 200
140 to 280
IT02818
IC -- VBE
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
0
--2.0
--2.4
--1.6
--1.2
--0.4
--0.8
--2.8
--3.2
--3.6
2SB1274
VCE= --5V
IT02819
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
0
0.2
0.4
0.8
0.6
1.0
1.2
1.4
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.6
3.2
2SD1913
VCE=5V
IT02816
IC -- VCE
0--2
--1
--4
--3
--5
--6
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
IB=0
--10mA
--5mA
--20mA
--25mA
--35mA
--30mA
--15mA
IT02817
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
02
14
35
6
0
0.5
1.0
1.5
2.0
2.5
3.0
IB=0
2SB1274
2SD1913
10mA
15mA
20mA
25mA
40mA
30mA
5mA
35mA
Base-to-Emitter Voltage, VBE -- V
Collector-to-Emitter Voltage, VCE -- V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com