Electronic Components Datasheet Search
  English  ▼

X  

2SD1913 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SD1913
Description  60V/3A Low-Frequency Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1913 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SD1913 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1913 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1913 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1913 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB1274/2SD1913
No.2246-3/4
IT02824
VCE(sat) -- IC
--0.1
2
7 --0.01
35
--1.0
72
3
2
3
57
5
--0.01
--0.1
--1.0
5
7
2
3
2
5
7
7
3
2
Ta=
120
°C
--40
°C
25
°C
IT02827
VBE(sat) -- IC
IT02825
VCE(sat) -- IC
IT02826
VBE(sat) -- IC
57
--1.0
--0.1
7 --0.01
23
5
7
23
23
5
--1.0
5
7
2
3
--10
5
7
3
2
Collector Current, IC -- A
IT02822
f T -- IC
--0.1
--0.01
--1.0
27
3
75
2
7
32
3
55
100
3
5
3
2
2
10
7
7
5
f T -- IC
IT02823
2SB1274
VCE= --5V
2SB1274
IC / IB=10
2SB1274
IC / IB=10
0.1
0.01
1.0
23
55
2
3
5
2
3
5
100
3
5
3
2
2
10
7
7
5
2SD1913
VCE=5V
0.1
2
7 0.01
35
1.0
72
3
2
3
57
5
0.01
0.1
1.0
5
7
2
3
2
5
7
7
3
2
Ta=
120
°C
--40
°C
25
°C
2SD1913
IC / IB=10
Ta=120°C
--40°C
25°C
57
1.0
0.1
7 0.01
23
5
7
23
23
5
1.0
5
7
2
3
10
5
7
3
2
Ta= --40°C
120°C
25°C
2SD1913
IC / IB=10
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
IT02820
hFE -- IC
--0.1
7 --0.01
--1.0
23
7
52
3
2
3
7
55
100
1000
5
3
2
7
5
3
7
2
IT02821
hFE -- IC
2SD1913
VCE=5V
2SB1274
VCE= --5V
0.1
7 0.01
1.0
23
7
52
3
2
3
7
55
100
1000
5
3
2
7
5
3
7
2
Ta=120
°C
25
°C
--40
°C
Ta=120
°C
25
°C
--40
°C
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com