Electronic Components Datasheet Search
  English  ▼

X  

BIF5 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BIF5
Description  50-800 MHz Internally Matched IF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF5 Datasheet(HTML) 1 Page - BeRex Corporation

  BIF5 Datasheet HTML 1Page - BeRex Corporation BIF5 Datasheet HTML 2Page - BeRex Corporation BIF5 Datasheet HTML 3Page - BeRex Corporation BIF5 Datasheet HTML 4Page - BeRex Corporation BIF5 Datasheet HTML 5Page - BeRex Corporation BIF5 Datasheet HTML 6Page - BeRex Corporation BIF5 Datasheet HTML 7Page - BeRex Corporation BIF5 Datasheet HTML 8Page - BeRex Corporation BIF5 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BeRex
BIF5
http: //www.berex.com
50-800 MHz Internally Matched IF Amplifier
Device Features
 43dBm Output IP3 at 10dBm/tone at 70MHz
 17.5dB Gain at 70MHz
 20.5dBm P1dB at 70MHz
 Highly Reliable InGaP/GaAs HBT Technology
 Temperature Compensation Circuit patent
 Over Voltage Protection Circuit patent
 SOT-89 Surface Mount Package
 50 ohm Cascadeable
 Lead-free/Green/RoHS compliant
Application: commercial, space, military wireless system
Electrical Specifications (Ta = 25C, Vs = 5V)
Parameters
Test Conditions
Min
Typ
Max
Unit
Frequency Range
50
800
MHz
Gain
70MHz
140MHz
250MHz
500MHz
16.5
16.5
16.5
16.5
17.5
17.5
17.5
17.5
18.5
18.5
18.5
18.5
dB
S11
70MHz
140MHz
250MHz
500MHz
-15.8
-15.4
-15.4
-14.1
dB
S22
70MHz
140MHz
250MHz
500MHz
-17.1
-19.1
-26.3
-16.1
dB
OIP3
70MHz
140MHz
250MHz
500MHz
41.0
40.5
39.0
38.0
43.0
42.5
41.0
40.0
dBm
P1dB
70MHz
140MHz
250MHz
500MHz
19.5
19.5
19.5
20.0
20.5
20.5
20.5
21.0
dBm
Ic
Vc = 5.0V
97
107
117
mA
Vc
5.0
V
dG/dT
-0.003
°C
Rth
Thermal Resistance
50
C/W
Test conditions unless otherwise noted.
1.
Device performance is measured on BeRex evaluation board at 25C, 50 ohm system.
2.
OIP3 measured with two tones at an output power of 10dBm/tone separated by 1MHz.


Similar Part No. - BIF5

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BIF5 BEREX-BIF5 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
Rev. 10.3
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
More results

Similar Description - BIF5

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BIF1 BEREX-BIF1 Datasheet
457Kb / 9P
50-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3 Datasheet
451Kb / 9P
50-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7 Datasheet
775Kb / 10P
50-800 MHz Internally Matched IF Amplifier
BCIF7 BEREX-BCIF7 Datasheet
362Kb / 7P
50-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
5-800 MHz Internally Matched IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com