Electronic Components Datasheet Search
  English  ▼

X  

BIF5 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BIF5
Description  50-800 MHz Internally Matched IF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF5 Datasheet(HTML) 4 Page - BeRex Corporation

  BIF5 Datasheet HTML 1Page - BeRex Corporation BIF5 Datasheet HTML 2Page - BeRex Corporation BIF5 Datasheet HTML 3Page - BeRex Corporation BIF5 Datasheet HTML 4Page - BeRex Corporation BIF5 Datasheet HTML 5Page - BeRex Corporation BIF5 Datasheet HTML 6Page - BeRex Corporation BIF5 Datasheet HTML 7Page - BeRex Corporation BIF5 Datasheet HTML 8Page - BeRex Corporation BIF5 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BeRex
BIF5
http: //www.berex.com
Typical Performance (Vdevice = 5V, Ic = 107 mA, Ta = 25°C)
Freq
MHz
70
140
250
*500
800
S21
dB
17.5
17.5
17.5
17.5
17.1
S11
dB
-15.8
-15.4
-15.5
-14.1
-18.3
S22
dB
-17.1
-19.1
-26.3
-16.1
-10.8
P1
dBm
20.5
20.5
20.5
21.0
21
OIP3
dBm
43
42.5
41.0
40.0
37
NF
dB
4.0
4.1
4.2
4.3
4.3
Typical Performance (V device = 4.7 V, Ic = 95 mA, Ta = 25 ℃)
Freq
MHz
70
140
250
500
800
S21
dB
17.6
17.5
17.4
17.4
17.1
S11
dB
-15.1
-17.3
-18.1
-17.5
-18.7
S22
dB
-14.3
-13.7
-14.1
-14
-10.7
P1
dBm
19.6
20.2
20.1
20.4
20
OIP3
dBm
41
40.5
39.5
37
35.5
NF
dB
4.0
4.1
4.2
4.3
4.3
Typical Performance (V device = 4.5 V, Ic = 85 mA, Ta = 25 ℃)
Freq
MHz
70
140
250
500
800
S21
dB
17.4
17.4
17.5
17.4
17
S11
dB
-15.3
-17.6
-18.3
-17.8
-18.9
S22
dB
-14.2
-13.5
-13.9
-13.9
-10.6
P1
dBm
19.2
19.0
19.2
19.4
19.4
OIP3
dBm
40.0
41.0
38.5
36.5
35
NF
dB
4.0
4.1
4.2
4.3
4.3
Typical Performance (V device = 4 V, Ic = 63 mA, Ta = 25 ℃)
Freq
MHz
70
140
250
500
800
S21
dB
17.4
17.3
17.2
17.2
16.9
S11
dB
-16
-18.6
-19.5
-18.9
-20.1
S22
dB
-13.8
-13.1
-13.5
-13.5
-10.3
P1
dBm
17
17.5
17.7
17.5
17.2
OIP3
dBm
35.5
35.5
35
33
32
NF
dB
4.0
4.1
4.2
4.3
4.3
Typical Performance (V device = 3.5 V, Ic = 41 mA, Ta = 25 ℃)
Freq
MHz
70
140
250
500
800
S21
dB
17.1
17.0
16.9
16.8
16.5
S11
dB
-17.9
-21.2
-22.6
-21.7
-23.1
S22
dB
-13.1
-12.3
-12.6
-12.6
-9.8
P1
dBm
13.7
14.6
14.6
14.5
14.2
OIP3
dBm
29
29
29
27.5
27.5
NF
dB
4.0
4.1
4.2
4.3
4.3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com